Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G66YZP Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC1G66YZP
Description  SN74LVC1G66 Single Bilateral Analog Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G66YZP Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G66YZP Datasheet HTML 1Page - Texas Instruments SN74LVC1G66YZP Datasheet HTML 2Page - Texas Instruments SN74LVC1G66YZP Datasheet HTML 3Page - Texas Instruments SN74LVC1G66YZP Datasheet HTML 4Page - Texas Instruments SN74LVC1G66YZP Datasheet HTML 5Page - Texas Instruments SN74LVC1G66YZP Datasheet HTML 6Page - Texas Instruments SN74LVC1G66YZP Datasheet HTML 7Page - Texas Instruments SN74LVC1G66YZP Datasheet HTML 8Page - Texas Instruments SN74LVC1G66YZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
2
4
5
1
A
VCC
C
B
GND
A
GND
B
V
CC
C
NC
6
5
4
2
3
1
3
2
4
5
1
A
VCC
C
B
GND
B
NC
A
6
5
4
2
3
GND
C
V
CC
1
3
2
4
5
1
A
VCC
C
B
GND
A
GND
VCC
C
B
1
4
2
3
5
3
SN74LVC1G66
www.ti.com
SCES323P – JUNE 2001 – REVISED MARCH 2016
Product Folder Links: SN74LVC1G66
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
(Top View)
DCK Package
5-Pin SC70
(Top View)
DRL Package
5-Pin SOT
(Top View)
YZP Package
5-Pin DSBGA
(Top View)
DSF Package
6-Pin X2SON
(Top View)
DRY Package
6-Pin USON
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT,
DSBGA
NO.
USON,
X2SON
NO.
A
1
1
I/O
Bidirectional signal to be switched
B
2
2
I/O
Bidirectional signal to be switched
C
4
4
I
Controls the switch (L = OFF, H = ON)
GND
3
3
Ground pin
NC
5
Do not connect
VCC
5
6
Power pin


Similar Part No. - SN74LVC1G66YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66YZPR TI-SN74LVC1G66YZPR Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66YZPR TI-SN74LVC1G66YZPR Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74LVC1G66YZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com