Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G27 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC1G27
Description  Single 3-Input Positive-NOR Gate
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G27 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G27_15 Datasheet HTML 1Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 2Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 3Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 4Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 5Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 6Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 7Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 8Page - Texas Instruments SN74LVC1G27_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN74LVC1G27
www.ti.com
SCES488E – SEPTEMBER 2003 – REVISED DECEMBER 2013
Switching Characteristics
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 2)
SN74LVC1G27
–40°C to 125°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A, B, or C
Y
2.2
23.3
1.4
8.8
1.3
6.8
1.0
4.7
CL = 15 pF
80
125
70
70
70
fmax
CL = 50 pF
50
75
45
45
45
tPLH
7.6
12.3
1
14.5
1
14.5
1
14.5
PRE or CLR
Q or Q
CL = 15 pF
tPHL
7.6
12.3
1
14.5
1
14.5
1
14.5
tPLH
6.7
11.9
1
14
1
14
1
14
ns
CLK
Q or Q
CL = 15 pF
tPHL
6.7
11.9
1
14
1
14
1
14
tPLH
10.1
15.8
1
18
1
18
1
18
PRE or CLR
Q or Q
CL = 50 pF
tPHL
10.1
15.8
1
18
1
18
1
18
tPLH
9.2
15.4
1
17.5
1
17.5
1
17.5
CLK
Q or Q
CL = 50 pF
tPHL
9.2
15.4
1
17.5
1
17.5
1
17.5
Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
17
18
19
22
pF
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC1G27


Similar Part No. - SN74LVC1G27_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G27DBVR TI-SN74LVC1G27DBVR Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LVC1G27DCKR TI-SN74LVC1G27DCKR Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LVC1G27YEPR TI-SN74LVC1G27YEPR Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LVC1G27YZPR TI-SN74LVC1G27YZPR Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74LVC1G27_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G27 TI-SN74LVC1G27 Datasheet
237Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NOR GATE
SN74LV27A TI-SN74LV27A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74LV27A TI-SN74LV27A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3 INPUT POSITIVE NOR GATE
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com