Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G18DRYR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G18DRYR
Description  1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G18DRYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1G18DRYR Datasheet HTML 4Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 5Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 6Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 7Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 8Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 9Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 10Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 11Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LVC1G18DBVR
ACTIVE
SOT-23
DBV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
(C185 ~ C18R)
SN74LVC1G18DBVRG4
ACTIVE
SOT-23
DBV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
(C185 ~ C18R)
SN74LVC1G18DCKR
ACTIVE
SC70
DCK
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
(CJ5 ~ CJF ~ CJK ~
CJR)
SN74LVC1G18DCKRE4
ACTIVE
SC70
DCK
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
(CJ5 ~ CJF ~ CJK ~
CJR)
SN74LVC1G18DCKRG4
ACTIVE
SC70
DCK
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
(CJ5 ~ CJF ~ CJK ~
CJR)
SN74LVC1G18DRYR
ACTIVE
SON
DRY
6
5000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
CJ
SN74LVC1G18DSFR
ACTIVE
SON
DSF
6
5000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
CJ
SN74LVC1G18YZPR
ACTIVE
DSBGA
YZP
6
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
(CJ7 ~ CJN)
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Similar Part No. - SN74LVC1G18DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G18DBVR TI-SN74LVC1G18DBVR Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18DBVR TI-SN74LVC1G18DBVR Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18DBVRE4 TI-SN74LVC1G18DBVRE4 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18DBVRG4 TI-SN74LVC1G18DBVRG4 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18DCKR TI-SN74LVC1G18DCKR Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
More results

Similar Description - SN74LVC1G18DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
74AUP1G18 NXP-74AUP1G18 Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
74AUP1G18 NEXPERIA-74AUP1G18 Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com