Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVR
Description  SN74LVC1G34 Single Buffer Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G34DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
A
Y
11
SN74LVC1G34
www.ti.com
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
Product Folder Links: SN74LVC1G34
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The SN74LVC1G34 device contains one buffer gate device and performs the Boolean function Y = A. This
device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
The DPW package technology is a major breakthrough in IC packaging. Its tiny 0.64 mm square footprint saves
significant board space over other package options while still retaining the traditional manufacturing friendly lead
pitch of 0.5 mm.
9.2 Functional Block Diagram
9.3 Feature Description
Wide operating voltage range.
Operates from 1.65 V to 5.5 V.
Allows down voltage translation.
Inputs accept voltages to 5.5 V.
Ioff feature allows voltages on the inputs and outputs when VCC is 0 V.
9.4 Device Functional Modes
Function Table
INPUT
A
OUTPUT
Y
H
H
L
L


Similar Part No. - SN74LVC1G34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34DBVR TI-SN74LVC1G34DBVR Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
SN74LVC1G34DBVR TI-SN74LVC1G34DBVR Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Guangdong Youtai Semico...
SN74LVC1G34DBVR UMW-SN74LVC1G34DBVR Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Texas Instruments
SN74LVC1G34DBVRE4 TI-SN74LVC1G34DBVRE4 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
SN74LVC1G34DBVRE4 TI-SN74LVC1G34DBVRE4 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
More results

Similar Description - SN74LVC1G34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com