Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC21 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC21
Description  DUAL 4-INPUT POSITIVE-AND GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC21 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC21 Datasheet HTML 1Page - Texas Instruments SN74HC21 Datasheet HTML 2Page - Texas Instruments SN74HC21 Datasheet HTML 3Page - Texas Instruments SN74HC21 Datasheet HTML 4Page - Texas Instruments SN74HC21 Datasheet HTML 5Page - Texas Instruments SN74HC21 Datasheet HTML 6Page - Texas Instruments SN74HC21 Datasheet HTML 7Page - Texas Instruments SN74HC21 Datasheet HTML 8Page - Texas Instruments SN74HC21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74HC21-Q1
DUAL 4-INPUT POSITIVE-AND GATE
SCLS597A − NOVEMBER 2004 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −40°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH
20
µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI
VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL
20
µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI
VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
44
110
165
140
tpd
A, B, C, or D
Y
4.5 V
14
22
33
28
ns
tpd
A, B, C, or D
Y
6 V
11
19
28
24
ns
2 V
29
75
110
95
tt
Y
4.5 V
10
15
22
19
ns
t
6 V
8
13
19
16
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
No load
25
pF


Similar Part No. - SN74HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC21 TI-SN74HC21 Datasheet
77Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74HC21 TI-SN74HC21 Datasheet
425Kb / 14P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74HC21 TI-SN74HC21 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74HC21 TI-SN74HC21 Datasheet
609Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74HC21-Q1 TI-SN74HC21-Q1 Datasheet
190Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC21-Q1 TI-SN74HC21-Q1 Datasheet
190Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATE
logo
List of Unclassifed Man...
7421 ETC1-7421 Datasheet
51Kb / 1P
   DUAL 4-INPUT POSITIVE AND GATE
logo
Texas Instruments
SN54LV20A TI-SN54LV20A_08 Datasheet
505Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATE
SN74LV20A TI-SN74LV20A Datasheet
333Kb / 13P
[Old version datasheet]   DUAL 4 INPUT POSITIVE NAND GATE
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-AND Gate
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
[Old version datasheet]   DUAL 2 - INPUT POSITIVE - AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com