Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDH540A Datasheet(PDF) 3 Page - Texas Instruments

Part # LDH540A
Description  16-BIT BUFFER/DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDH540A Datasheet(HTML) 3 Page - Texas Instruments

  LDH540A Datasheet HTML 1Page - Texas Instruments LDH540A Datasheet HTML 2Page - Texas Instruments LDH540A Datasheet HTML 3Page - Texas Instruments LDH540A Datasheet HTML 4Page - Texas Instruments LDH540A Datasheet HTML 5Page - Texas Instruments LDH540A Datasheet HTML 6Page - Texas Instruments LDH540A Datasheet HTML 7Page - Texas Instruments LDH540A Datasheet HTML 8Page - Texas Instruments LDH540A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74LVCH16540A
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS569H – MARCH 1996 – REVISED MARCH 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
DGG package
70
θ
JA
Package thermal impedance(4)
DGV package
58
°C/W
DL package
63
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
Operating
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
High or low state
0
VCC
VO
Output voltage
V
3-state
0
5.5
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
mA
VCC = 2.7 V
–12
VCC = 3 V
–24
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - LDH540A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-250 MEANWELL-LDH-25-250 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-250W MEANWELL-LDH-25-250W Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-350 MEANWELL-LDH-25-350 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-350W MEANWELL-LDH-25-350W Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
More results

Similar Description - LDH540A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH16240A TI1-SN74LVCH16240A_08 Datasheet
320Kb / 12P
[Old version datasheet]   16-BIT BUFFER/DRIVER
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
logo
Integrated Device Techn...
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244_08 Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
logo
Integrated Device Techn...
IDT74LVCH16244A IDT-IDT74LVCH16244A_15 Datasheet
224Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH162244A IDT-IDT74LVCH162244A_15 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_09 Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH162244 IDT-IDT74ALVCH162244_16 Datasheet
96Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC162244A IDT-IDT74LVC162244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com