Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G02DCKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G02DCKR
Description  SN74LVC1G02 Single 2-Input Positive NOR-Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G02DCKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G02DCKR Datasheet HTML 6Page - Texas Instruments SN74LVC1G02DCKR Datasheet HTML 7Page - Texas Instruments SN74LVC1G02DCKR Datasheet HTML 8Page - Texas Instruments SN74LVC1G02DCKR Datasheet HTML 9Page - Texas Instruments SN74LVC1G02DCKR Datasheet HTML 10Page - Texas Instruments SN74LVC1G02DCKR Datasheet HTML 11Page - Texas Instruments SN74LVC1G02DCKR Datasheet HTML 12Page - Texas Instruments SN74LVC1G02DCKR Datasheet HTML 13Page - Texas Instruments SN74LVC1G02DCKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
SN74LVC1G02
SCES213X – APRIL 1999 – REVISED APRIL 2014
www.ti.com
9 Detailed Description
9.1 Overview
The SN74LVC1G02 device contains one 2-input positive-NOR gate and performs the Boolean function Y = A + B
or Y = A • B. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow through the device when it is powered down.
The DPW package technology is a major breakthrough in IC packaging. Its tiny 0.64 mm square footprint saves
significant board space over other package options while still retaining the traditional manufacturing friendly lead
pitch of 0.5 mm.
9.2 Functional Block Diagram
9.3 Feature Description
Wide operating voltage range.
Operates from 1.65 V to 5.5 V.
Allows down voltage translation.
Inputs accept voltages to 5.5 V.
Ioff feature allows voltages on the inputs and outputs, when VCC is 0 V.
9.4 Device Functional Modes
Function Table
INPUTS
OUTPUT
Y
A
B
H
X
L
X
H
L
L
L
H
10
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G02


Similar Part No. - SN74LVC1G02DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G02DCKR TI-SN74LVC1G02DCKR Datasheet
479Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DCKR TI-SN74LVC1G02DCKR Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LVC1G02DCKR TI-SN74LVC1G02DCKR Datasheet
665Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LVC1G02DCKR TI1-SN74LVC1G02DCKR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
logo
Guangdong Youtai Semico...
SN74LVC1G02DCKR UMW-SN74LVC1G02DCKR Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
More results

Similar Description - SN74LVC1G02DCKR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com