Electronic Components Datasheet Search |
|
SN74LVC1G02DCKRG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74LVC1G02DCKRG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 38 page SN74LVC1G02 SCES213X – APRIL 1999 – REVISED APRIL 2014 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 6.5 V VI Input voltage range –0.5 6.5 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 6.5 V VO Voltage range applied to any output in the high or low state (2)(3) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through VCC or GND ±100 mA (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. (3) The value of VCC is provided in the Recommended Operating Conditions table. 7.2 Handling Ratings PARAMETER DEFINITION MIN MAX UNIT Tstg Storage temperature range –65 150 °C Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) 0 2 Electrostatic V(ESD) kV Charged device model (CDM), per JEDEC specification JESD22-C101, all discharge 0 1 pins(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 4 Submit Documentation Feedback Copyright © 1999–2014, Texas Instruments Incorporated Product Folder Links: SN74LVC1G02 |
Similar Part No. - SN74LVC1G02DCKRG4 |
|
Similar Description - SN74LVC1G02DCKRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |