Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV1T32 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T32
Description  Single Power Supply Inverter Gate CMOS Logic Level Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T32 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV1T32 Datasheet HTML 1Page - Texas Instruments SN74LV1T32 Datasheet HTML 2Page - Texas Instruments SN74LV1T32 Datasheet HTML 3Page - Texas Instruments SN74LV1T32 Datasheet HTML 4Page - Texas Instruments SN74LV1T32 Datasheet HTML 5Page - Texas Instruments SN74LV1T32 Datasheet HTML 6Page - Texas Instruments SN74LV1T32 Datasheet HTML 7Page - Texas Instruments SN74LV1T32 Datasheet HTML 8Page - Texas Instruments SN74LV1T32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
A
Y
2
4
SN74LV1T04
www.ti.com
SCLS738B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
Function Table
INPUT
OUTPUT
(Lower Level Input)
(VCC CMOS)
A
Y
H
L
L
H
SUPPLY VCC = 3.3V
A
Y
VIH(min) =1.35 V
VOH(min) = 2.9 V
VIL(max) =0.8 V
VOL(max)= 0.2 V
Figure 1. Logic Diagram (NAND Gate)
Figure 2. Excellent Signal Integrity (1.8V to 3.3V at 3.3V VCC)
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LV1T04


Similar Part No. - SN74LV1T32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T32 TI1-SN74LV1T32 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T32 TI1-SN74LV1T32 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T32 TI1-SN74LV1T32 Datasheet
922Kb / 19P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T32 TI1-SN74LV1T32 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
SN74LV1T32 TI1-SN74LV1T32 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T04 TI1-SN74LV1T04_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04_1809 TI1-SN74LV1T04_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04DCKR TI1-SN74LV1T04DCKR Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_15 Datasheet
947Kb / 20P
[Old version datasheet]   SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
   Inverter / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T02_1809 TI1-SN74LV1T02_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T08_1809 TI1-SN74LV1T08_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com