Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G04DRLRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC1G04DRLRG4
Description  SN74LVC1G04 Single Inverter Gate
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G04DRLRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC1G04DRLRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G04DRLRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G04DRLRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G04DRLRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G04DRLRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G04DRLRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G04DRLRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G04DRLRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G04DRLRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Temperature - °C
-100
-50
0
50
100
150
0
1
2
3
4
5
6
D001
TPD
Vcc - V
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
D002
TPD
SN74LVC1G04
www.ti.com
SCES214AD –APRIL 1999–REVISED OCTOBER 2014
7.9 Switching Characteristics, CL = 30 pF or 50 pF, –40°C to 125°C
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted)
(see Figure 4)
–40°C to 125°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3
7.5
1.4
5.2
1
4.2
1
3.7
ns
7.10 Operating Characteristics
over operating free-air temperature range (unless otherwise noted)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5.0 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
16
18
18
20
pF
7.11 Typical Characteristics
Figure 1. TPD Across Temperature at 3.3-V VCC
Figure 2. TPD Across VCC at 25°C
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC1G04


Similar Part No. - SN74LVC1G04DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04DRLRG4 TI-SN74LVC1G04DRLRG4 Datasheet
456Kb / 17P
[Old version datasheet]   SINGLE INVERTER
SN74LVC1G04DRLRG4 TI-SN74LVC1G04DRLRG4 Datasheet
781Kb / 19P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04DRLRG4 TI-SN74LVC1G04DRLRG4 Datasheet
781Kb / 19P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Similar Description - SN74LVC1G04DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_15 Datasheet
1Mb / 41P
[Old version datasheet]   SN74LVC1G04 Single Inverter Gate
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com