Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV1T08 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T08
Description  Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T08 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LV1T08 Datasheet HTML 7Page - Texas Instruments SN74LV1T08 Datasheet HTML 8Page - Texas Instruments SN74LV1T08 Datasheet HTML 9Page - Texas Instruments SN74LV1T08 Datasheet HTML 10Page - Texas Instruments SN74LV1T08 Datasheet HTML 11Page - Texas Instruments SN74LV1T08 Datasheet HTML 12Page - Texas Instruments SN74LV1T08 Datasheet HTML 13Page - Texas Instruments SN74LV1T08 Datasheet HTML 14Page - Texas Instruments SN74LV1T08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SN74LV4T125
www.ti.com
SCLS749B – FEBRUARY 2014 – REVISED SEPTEMBER 2014
9.3 Feature Description
This part is a single supply buffer that is capable up or down translation. The output will equal VCC while the input
can vary from 1.2 V to 5.5 V.
Up Translation Mode:
1.2 V to 1.8 V at 1.8-V VCC
1.5 V to 2.5 V at 2.5-V VCC
1.8 V to 3.3 V at 3.3-V VCC
3.3 V to 5.0 V at 5.0-V VCC
Down Translation Mode:
3.3 V to 1.8 V at 1.8-V VCC
3.3 V to 2.5 V at 2.5-V VCC
5.0 V to 3.3 V at 3.3-V VCC
9.4 Device Functional Modes
This device performs the function of a buffer where input logic level equals the output logic level, while providing
buffering and drive to the output. The SN74LV4T125 device will also translate voltages up or down while
performing this function.
Table 1. Function Table
(Each Buffer)
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
Table 2. Supply VCC = 3.3 V
INPUT b
OUTPUT
(Lower Level Input)
(VCC CMOS)
A
B
Y
VIH(min) = 1.35 V
VOH(min) = 2.9 V
VIL(max) = 0.8 V
VOL(max) = 0.2 V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LV4T125


Similar Part No. - SN74LV1T08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T08 TI1-SN74LV1T08 Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
922Kb / 19P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54SC4T125-SEP TI-SN54SC4T125-SEP Datasheet
918Kb / 18P
[Old version datasheet]   SN54SC4T125-SEP Radiation Tolerant, Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
NOVEMBER 2023
SN54SC4T125-SEP TI1-SN54SC4T125-SEP_V01 Datasheet
1,011Kb / 23P
[Old version datasheet]   SN54SC4T125-SEP Radiation Tolerant, Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
NOVEMBER 2023
SN74LV1T125 TI1-SN74LV1T125_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_15 Datasheet
948Kb / 20P
[Old version datasheet]   SN74LV1T126 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125_15 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT125A RENESAS-HD74LV1GT125A Datasheet
116Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126A RENESAS-HD74LV1GT126A Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com