Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G00DRLRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC1G00DRLRG4
Description  SN74LVC1G00_16
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G00DRLRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G00DRLRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G00DRLRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G00DRLRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G00DRLRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G00DRLRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G00DRLRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G00DRLRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC1G00DRLRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC1G00DRLRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LVC1G00
uC or Logic
uC or Logic
Basic LED Driver
uC or Logic
uC or Logic
uC or Logic
NAND Logic Function
LVC1G00
SN74LVC1G00
SCES212AB – APRIL 1999 – REVISED APRIL 2014
www.ti.com
10 Application and Implementation
10.1 Application Information
The SN74LVC1G00 is a high drive CMOS device that can be used for implementing NAND logic with a high
output drive, such as an LED application. It can produce 24 mA of drive current at 3.3 V making it Ideal for
driving multiple outputs and good for high speed applications up to 100 MHz. The inputs are 5.5 V tolerant
allowing it to translate down to VCC.
10.2 Typical Application
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
Rise time and fall time specs. See (
Δt/ΔV) in Recommended Operating Conditions table.
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommend Output Conditions
Load currents should not exceed (IO max) per output and should not exceed total current (continuous
current through VCC or GND) for the part. These limits are located in the Absolute Maximum Ratings
table.
Outputs should not be pulled above VCC.
10
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G00


Similar Part No. - SN74LVC1G00DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00DRLRG4 TI-SN74LVC1G00DRLRG4 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DRLRG4 TI-SN74LVC1G00DRLRG4 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DRLRG4 TI-SN74LVC1G00DRLRG4 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com