Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV541ADBRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV541ADBRG4
Description  Octal Buffers/Drivers With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV541ADBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV541ADBRG4 Datasheet HTML 1Page - Texas Instruments SN74LV541ADBRG4 Datasheet HTML 2Page - Texas Instruments SN74LV541ADBRG4 Datasheet HTML 3Page - Texas Instruments SN74LV541ADBRG4 Datasheet HTML 4Page - Texas Instruments SN74LV541ADBRG4 Datasheet HTML 5Page - Texas Instruments SN74LV541ADBRG4 Datasheet HTML 6Page - Texas Instruments SN74LV541ADBRG4 Datasheet HTML 7Page - Texas Instruments SN74LV541ADBRG4 Datasheet HTML 8Page - Texas Instruments SN74LV541ADBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN74LV541A
www.ti.com
SCLS410J – APRIL 1998 – REVISED DECEMBER 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN74LV541A
UNIT
MIN
MAX
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.5
VCC = 2.3 V to 2.7 V
VCC × 0.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 2 V
0.5
VCC = 2.3 V to 2.7 V
VCC × 0.3
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Input voltage
0
5.5
V
High or low state
0
VCC
VO
Output voltage
V
3-state
0
5.5
VCC = 2 V
–50
µA
VCC = 2.3 V to 2.7 V
–2
IOH
High-level output current
VCC = 3 V to 3.6 V
–8
mA
VCC = 4.5 V to 5.5 V
–16
VCC = 2 V
50
µA
VCC = 2.3 V to 2.7 V
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
8
mA
VCC = 4.5 V to 5.5 V
16
VCC = 2.3 V to 2.7 V
200
Δt/Δv
Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
ns/V
VCC = 4.5 V to 5.5 V
20
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
7.4 Thermal Information
SN74LV541A
THERMAL METRIC(1)
DB
DGV
DW
NS
PW
RGY
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
96.0
116.1
79.8
77.1
102.8
35.1
RθJC(top)
Junction-to-case (top) thermal resistance
57.7
31.3
45.8
43.6
36.8
43.3
RθJB
Junction-to-board thermal resistance
51.2
57.6
47.4
44.6
53.8
12.9
Junction-to-top characterization
ψJT
19.4
1.0
18.5
17.2
2.5
0.9
°C/W
parameter
Junction-to-board characterization
ψJB
50.8
56.9
47.0
44.2
53.3
12.9
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
7.9
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LV541A


Similar Part No. - SN74LV541ADBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV541ADBR TI-SN74LV541ADBR Datasheet
435Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV541ADBR TI-SN74LV541ADBR Datasheet
696Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV541ADBR TI-SN74LV541ADBR Datasheet
2Mb / 38P
[Old version datasheet]   SN74LV541A Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541ADBR TI-SN74LV541ADBR Datasheet
2Mb / 42P
[Old version datasheet]   SN74LV541A Octal Buffers/Drivers With 3-State Outputs
REVISED NOVEMBER 2022
SN74LV541ADBR TI1-SN74LV541ADBR Datasheet
2Mb / 4P
[Old version datasheet]   SN74LV541A Octal Buffers/Drivers With 3-State Outputs
REVISED JANUARY 2023
More results

Similar Description - SN74LV541ADBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com