Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNX4LV595A Datasheet(PDF) 10 Page - Texas Instruments

Part # SNX4LV595A
Description  8-Bit Shift Registers With 3-State Output Registers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNX4LV595A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SNX4LV595A Datasheet HTML 6Page - Texas Instruments SNX4LV595A Datasheet HTML 7Page - Texas Instruments SNX4LV595A Datasheet HTML 8Page - Texas Instruments SNX4LV595A Datasheet HTML 9Page - Texas Instruments SNX4LV595A Datasheet HTML 10Page - Texas Instruments SNX4LV595A Datasheet HTML 11Page - Texas Instruments SNX4LV595A Datasheet HTML 12Page - Texas Instruments SNX4LV595A Datasheet HTML 13Page - Texas Instruments SNX4LV595A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
SN74LV595A
SCLS414Q – APRIL 1998 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74LV595A
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6.11 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
–40°C to 85°C
SN74LV595A
–40°C to 125°C
SN74LV595A
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
CL = 15 pF
135(1)
170(1)
115
115
MHz
CL = 50 pF
120
140
95
95
tPLH
RCLK
QA–QH
CL = 15 pF
4.3(1)
7.4(1)
1
8.5
1
9.5
ns
tPHL
4.3(1)
7.4(1)
1
8.5
1
9.5
tPLH
SRCLK
QH’
4.5(1)
8.2(1)
1
9.4
1
10.4
tPHL
4.5(1)
8.2(1)
1
9.4
1
10.4
tPHL
SRCLR
QH’
4.5(1)
8(1)
1
9.1
1
10.1
tPZH
OE
QA–QH
4.3(1)
8.6(1)
1
10
1
11
tPZL
5.4(1)
8.6(1)
1
10
1
11
tPHZ
OE
QA–QH
2.4(1)
6(1)
1
7.1
1
7.1
tPLZ
2.7(1)
5.1(1)
1
7.2
1
7.2
tPLH
RCLK
QA–QH
CL = 50 pF
5.6
9.4
1
10.5
1
12.5
ns
tPHL
5.6
9.4
1
10.5
1
12.5
tPLH
SRCLK
QH’
6.4
10.2
1
11.4
1
13.4
tPHL
6.4
10.2
1
11.4
1
13.4
tPHL
SRCLR
QH’
6.4
10
1
11.1
1
13.1
tPZH
OE
QA–QH
5.7
10.6
1
12
1
14
tPZL
6.8
10.6
1
12
1
14
tPHZ
OE
QA–QH
3.5
10.3
1
11
1
13
tPLZ
3.4
10.3
1
11
1
13
(1)
Characteristics are for surface-mount packages only.
6.12 Noise Characteristics
VCC = 3.3 V, CL = 50 pF, TA = 25°C
(1)
PARAMETER
SN74LV595A
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.3
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.2
V
VOH(V)
Quiet output, minimum dynamic VOH
2.8
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
6.13 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
111
pF
5 V
114


Similar Part No. - SNX4LV595A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNX4LVC00A TI1-SNX4LVC00A Datasheet
2Mb / 39P
[Old version datasheet]   SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
MARCH 2024
SNX4LVC02A TI1-SNX4LVC02A Datasheet
2Mb / 37P
[Old version datasheet]   SN74LVC02A Quadruple 2-Input Positive-NOR Gates
MARCH 2024
SNX4LVC08A TI1-SNX4LVC08A Datasheet
2Mb / 44P
[Old version datasheet]   SNx4LVC08A Quadruple 2-Input Positive-AND Gates
MARCH 2024
SNX4LVC32A TI1-SNX4LVC32A Datasheet
2Mb / 38P
[Old version datasheet]   SNx4LVC32A Quadruple 2-Input Positive-OR Gates
MARCH 2024
SNX4LVCH245A TI1-SNX4LVCH245A Datasheet
1Mb / 37P
[Old version datasheet]   Octal Bus Transceivers With 3-State Outputs
More results

Similar Description - SNX4LV595A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com