Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM747MWC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM747MWC
Description  Dual Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM747MWC Datasheet(HTML) 3 Page - Texas Instruments

  LM747MWC Datasheet HTML 1Page - Texas Instruments LM747MWC Datasheet HTML 2Page - Texas Instruments LM747MWC Datasheet HTML 3Page - Texas Instruments LM747MWC Datasheet HTML 4Page - Texas Instruments LM747MWC Datasheet HTML 5Page - Texas Instruments LM747MWC Datasheet HTML 6Page - Texas Instruments LM747MWC Datasheet HTML 7Page - Texas Instruments LM747MWC Datasheet HTML 8Page - Texas Instruments LM747MWC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
LM747LM747A
g
22V
LM747CLM747E
g
18V
Power Dissipation (Note 1)
800 mW
Differential Input Voltage
g
30V
Input Voltage (Note 2)
g
15V
Output Short-Circuit Duration
Indefinite
Operating Temperature Range
LM747LM747A
b
55 Cto a125 C
LM747CLM747E
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
Electrical Characteristics (Note 3)
Parameter
Conditions
LM747ALM747E
LM747
LM747C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA e 25 C
RS s 10 kX
10
50
20
60
mV
RS s 50X
08
30
RS s 50X
40
mV
RS s 10 kX
60
75
Average Input Offset
15
m
V C
Voltage Drift
Input Offset Voltage
TA e 25 C VS e g20V
g
10
g
15
g
15
mV
Adjustment Range
Input Offset Current
TA e 25 C
30
30
20
200
20
200
nA
70
85
500
300
Average Input Offset
05
nA C
Current Drift
Input Bias Current
TA e 25 C
30
80
80
500
80
500
nA
TAMIN s TA s TAMAX
0210
15
08
m
A
Input Resistance
TA e 25 C VS e g20V
10
60
03
20
03
20
MX
VS e g20V
05
Input Voltage Range
TA e 25 C
g
12
g
13
V
g
12
g
13
g
12
g
13
Large Signal
TA e 25 C RL t 2kX
Voltage Gain
VS e g20V VO e g15V
50
VmV
VS e g15V VO e g10V
50
200
20
200
VmV
RL t 2kX
VS e g20V VO e g15V
32
VmV
VS e g15V VO e g10V
25
15
VmV
VS e g5V VO e g2V
10
VmV
Output Voltage Swing
VS e g20V
RL t 10 kX
g
16
V
RL t 2kX
g
15
VS e g15V
RL t 10 kX
g
12
g
14
g
12
g
14
V
RL t 2kX
g
10
g
13
g
10
g
13
Output Short
TA e 25 C10
25
35
25
25
mA
Circuit Current
10
40
Common-Mode
RS s 10 kX VCM e g12V
70
90
70
90
dB
Rejection Ratio
RS s 50 kX VCM e g12V
80
95
2


Similar Part No. - LM747MWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM747MW8 TI1-LM747MW8 Datasheet
171Kb / 10P
[Old version datasheet]   LM747QML Dual Operational Amplifier
More results

Similar Description - LM747MWC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com