Electronic Components Datasheet Search |
|
SN74LVC2G80DCUR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
SN74LVC2G80DCUR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 18 page SN74LVC2G80 www.ti.com SCES309F – DECEMBER 2001 – REVISED DECEMBER 2013 Recommended Operating Conditions (1) MIN MAX UNIT Operating 1.65 5.5 VCC Supply voltage V Data retention only 1.5 VCC = 1.65 V to 1.95 V 0.65 × VCC VCC = 2.3 V to 2.7 V 1.7 VIH High-level input voltage V VCC = 3 V to 3.6 V 2 VCC = 4.5 V to 5.5 V 0.7 × VCC VCC = 1.65 V to 1.95 V 0.35 × VCC VCC = 2.3 V to 2.7 V 0.7 VIL Low-level input voltage V VCC = 3 V to 3.6 V 0.8 VCC = 4.5 V to 5.5 V 0.3 × VCC VI Input voltage 0 5.5 V VO Output voltage 0 VCC V VCC = 1.65 V –4 VCC = 2.3 V –8 IOH High-level output current –16 mA VCC = 3 V –24 VCC = 4.5 V –32 VCC = 1.65 V 4 VCC = 2.3 V 8 IOL Low-level output current 16 mA VCC = 3 V 24 VCC = 4.5 V 32 VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V 20 Δt/Δv Input transition rise or fall rate VCC = 3.3 V ± 0.3 V 10 ns/V VCC = 5 V ± 0.5 V 5 TA Operating free-air temperature –40 125 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. Copyright © 2001–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: SN74LVC2G80 |
Similar Part No. - SN74LVC2G80DCUR |
|
Similar Description - SN74LVC2G80DCUR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |