Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC3G06DCTRE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC3G06DCTRE4
Description  Triple Inverter Buffer/Driver With Open-Drain Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G06DCTRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC3G06DCTRE4 Datasheet HTML 1Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 2Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 3Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 4Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 5Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 6Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN74LVC3G06
SCES364J – AUGUST 2001 – REVISED NOVEMBER 2013
www.ti.com
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC3G06
–40°C to 85°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1.8
7.2
1
3.9
1
3.4
1
2.9
ns
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC3G06
–40°C to 125°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1.8
7.8
1
4.5
1
4.0
1
3.5
ns
tpd
A or B
Y
2.6
9.8
1
5.8
1
5.3
1
4.8
ns
Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
2
2
3
4
pF
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC3G06


Similar Part No. - SN74LVC3G06DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06DCTRE4 TI1-SN74LVC3G06DCTRE4 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC3G06DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07 TI1-SN74LVC3G07_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_18 Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07-Q1 TI1-SN74LVC3G07-Q1 Datasheet
270Kb / 9P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07_08 Datasheet
405Kb / 12P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07-EP TI-SN74LVC3G07-EP Datasheet
338Kb / 10P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com