Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


M39006 Datasheet(HTML) 1 Page - Vishay Siliconix

Part No. M39006
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

M39006 Datasheet(HTML) 1 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
10
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
MILITARY SPECIFICATION MIL-PRF-39006 ORDERING INFORMATION
0660
DASH NUMBER
22
DETAIL SPECIFICATION
NUMBER
M39006
BASIC DOCUMENT NUMBER
Note: The material in this section has been abstracted from MIL-PRF-39006/09/22/25/30/31.
failure rate levels of 2%, 1%, 0.1%, and 0.01%. When
ordering these parts, care must be exercised that the correct
part number expressing the appropriate failure level be
specified.
Each order for Military Style capacitors requiring government
inspection must state whether inspection is to be at the
destination or at the Vishay Sprague plant. Orders requiring
source inspection cannot be shipped until this has been
accomplished.
FEATURES
• Hermetically sealed.
• Metal cased.
• Axial lead.
• Tubular.
SPECIFICATIONS
Style CLR65, M39006/09
Style CLR69, M39006/21
Style CLR79, M39006/22
Style CLR81, M39006/25
Style CLR90, M39006/30
Style CLR91, M39006/31
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Taken from Standard/
Extended Ratings
Tables.
Indicates the Detail
Specification of the Basic
Military Specification.
Indicates the Basic
Specification; in this case
MIL-PRF-39006.
Established Reliability Tantalum Capacitors to Military
Specification MIL-PRF-39006: In accordance with the
Military Specification, MIL-PRF-39006 all capacitors are
marked with the Military Part Number (M39006/xx-xxxx)
rather than the older Style designation (CLRxxxxxxxx) and
should be ordered as such.
For information on the performance characteristics of these
capacitors, please refer to the latest issue of the Military
Specification. MIL-PRF-39006 establishes 1000 hour


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn