Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EZ328 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC68EZ328
Description  Integrated Portable System Processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68EZ328 Datasheet(HTML) 6 Page - Motorola, Inc

  MC68EZ328 Datasheet HTML 1Page - Motorola, Inc MC68EZ328 Datasheet HTML 2Page - Motorola, Inc MC68EZ328 Datasheet HTML 3Page - Motorola, Inc MC68EZ328 Datasheet HTML 4Page - Motorola, Inc MC68EZ328 Datasheet HTML 5Page - Motorola, Inc MC68EZ328 Datasheet HTML 6Page - Motorola, Inc MC68EZ328 Datasheet HTML 7Page - Motorola, Inc MC68EZ328 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MC68EZ328 Product Brief
Low-Power Stop Logic
5
Serial Peripheral Interface (SPI)
The serial peripheral interface is a master mode, high-speed synchronous serial port for communicating to
external devices such as A/D converters and non-volatile RAMs. The interface is a 3 or 4 wire system
depending on unidirectional or bidirectional communication mode. This SPIM provides the clock for data
transfer and will function as a master-mode device.
6
Timer
The MC68EZ328 processor contains a general-purpose 16 bit timer with a programmable prescaler. This
timer also has input capture capability with programmable trigger edge and output compare. The resolution
is 240 ns when the system clock is 16.58 MHz.
7
Real Time Clock
The Real Time Clock in MC68EZ328 is driven by a 32.768kHz/38.4kHz Crystal which is the same as the Clock
Synthesizer clock source. It also provides interrupt for alarm. RTC also provides sampling capability. Users can
select from a predefined frequency and an interrupt will be generated accordingly. This sampling timer can be used
for digitizer sampling, or keyboard debouncing
.
8
LCD Controller
The LCD controller for the MC68EZ328 is similar to the original DragonBall LCD controller but has more
flexibility on grey level palette support and smaller screen size. Specific features are as follows:
Interfaces with Monochrome STN modules
Up to 4 Levels of Gray Scale out of 16 Palettes through Frame Rate Control
Utilize system RAM for display memory
Screen Refresh through DMA
Configurable Screen Size up to 640*512
LCD Contrast Control using 8-bit PWM
9
Pulse Width Modulation (PWM)
The pulse-width modulator (PWM) of the MC68EZ328 is optimized to generate high-quality sound from
stored sample audio images. This PWM has 8 bit resolution and contains a 5 byte FIFO which can
minimize interrupt overhead. A maskable interrupt is generated whenever there are 1 or 0 byte in the FIFO,
the software can then write either 4 byte samples or 2 two words sample into the FIFO, which can enhance
performance for audio applications.


Similar Part No. - MC68EZ328

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EC000 MOTOROLA-MC68EC000 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
MC68EC000 MOTOROLA-MC68EC000 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68EC000 MOTOROLA-MC68EC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
MC68EC000 FREESCALE-MC68EC000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68EC000D MOTOROLA-MC68EC000D Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
More results

Similar Description - MC68EZ328

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68328P MOTOROLA-MC68328P Datasheet
195Kb / 6P
   Integrated Portable System Processor-DragonBall
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1 Datasheet
1Mb / 96P
   i.MX Integrated Portable System Processor
MC9328MXL FREESCALE-MC9328MXL Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
logo
Freescale Semiconductor...
P1022DS-PA FREESCALE-P1022DS-PA Datasheet
337Kb / 2P
   Integrated media and communications processor development system
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com