Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC125ADR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADR
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC125ADR Datasheet HTML 2Page - Texas Instruments SN74LVC125ADR Datasheet HTML 3Page - Texas Instruments SN74LVC125ADR Datasheet HTML 4Page - Texas Instruments SN74LVC125ADR Datasheet HTML 5Page - Texas Instruments SN74LVC125ADR Datasheet HTML 6Page - Texas Instruments SN74LVC125ADR Datasheet HTML 7Page - Texas Instruments SN74LVC125ADR Datasheet HTML 8Page - Texas Instruments SN74LVC125ADR Datasheet HTML 9Page - Texas Instruments SN74LVC125ADR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SN74LVC125A
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
www.ti.com
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN MAX
1.65 V to
IOH = –100 μA
VCC – 0.2
VCC – 0.2
VCC – 0.3
3.6 V
IOH = –4 mA
1.65 V
1.29
1.2
1.05
IOH = –8 mA
2.3 V
1.9
1.7
1.55
VOH
V
2.7 V
2.2
2.2
2.05
IOH = –12 mA
3 V
2.4
2.4
2.25
IOH = –24 mA
3 V
2.3
2.2
2
1.65 V to
IOL = 100 μA
0.1
0.2
0.3
3.6 V
IOL = 4 mA
1.65 V
0.24
0.45
0.6
VOL
V
IOL = 8 mA
2.3 V
0.3
0.7
0.75
IOL = 12 mA
2.7 V
0.4
0.4
0.6
IOL = 24 mA
3 V
0.55
0.55
0.8
II
VI = 5.5 V or GND
3.6 V
±1
±5
±20
μA
IOZ
VO = VCC or GND
3.6 V
±1
±10
±20
μA
ICC
VI = VCC or GND, IO = 0
3.6 V
1
10
40
μA
One input at VCC – 0.6 V,
2.7 V to
ΔICC
500
500
5000
μA
Other inputs at VCC or GND
3.6 V
Ci
VI = VCC or GND
3.3 V
5
pF
7.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V ± 0.15 V
1
4.5
11.8
1
12.3
1
13.8
2.5 V ± 0.2 V
1
2.7
5.8
1
6.3
1
8.4
tpd
A
Y
ns
2.7 V
1
3
5.3
1
5.5
1
7
3.3 V ± 0.3 V
1
2.5
4.6
1
4.8
1
6
1.8 V ± 0.15 V
1
4.3
13.8
1
14.3
1
15.8
2.5 V ± 0.2 V
1
2.7
6.9
1
7.4
1
9.5
ten
OE
Y
ns
2.7 V
1
3.3
6.4
1
6.6
1
8.5
3.3 V ± 0.3 V
1
2.4
5.2
1
5.4
1
7
1.8 V ± 0.15 V
1
4.3
10.6
1
11.1
1
12.6
2.5 V ± 0.2 V
1
2.2
5.1
1
5.6
1
7.7
tdis
OE
Y
ns
2.7 V
1
2.5
4.8
1
5
1
6.5
3.3 V ± 0.3 V
1
2.4
4.4
1
4.6
1
6
tsk(o)
3.3 V ± 0.3 V
1
1.5
ns
7.7 Operating Characteristics
TA = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
7.4
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
11.3
pF
3.3 V
15
6
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC125A


Similar Part No. - SN74LVC125ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125ADR TI-SN74LVC125ADR Datasheet
281Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LVC125ADR TI-SN74LVC125ADR Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125ADR TI-SN74LVC125ADR Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125ADR TI1-SN74LVC125ADR Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
FEBRUARY 2024
SN74LVC125ADRE4 TI-SN74LVC125ADRE4 Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC125ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com