Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC821ADW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC821ADW
Description  10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC821ADW Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC821ADW Datasheet HTML 1Page - Texas Instruments SN74LVC821ADW Datasheet HTML 2Page - Texas Instruments SN74LVC821ADW Datasheet HTML 3Page - Texas Instruments SN74LVC821ADW Datasheet HTML 4Page - Texas Instruments SN74LVC821ADW Datasheet HTML 5Page - Texas Instruments SN74LVC821ADW Datasheet HTML 6Page - Texas Instruments SN74LVC821ADW Datasheet HTML 7Page - Texas Instruments SN74LVC821ADW Datasheet HTML 8Page - Texas Instruments SN74LVC821ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
SN74LVC821A
10-BIT BUS-INTERFACE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS304J – MARCH 1993 – REVISED FEBRUARY 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V VCC – 0.2
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.7
VOH
V
2.7 V
2.2
IOH = –12 mA
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ
VO = 0 to 5.5 V
3.6 V
±10
µA
VI = VCC or GND
10
ICC
IO = 0
3.6 V
µA
3.6 V
≤ V
I ≤ 5.5 V
(2)
10
∆I
CC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Control inputs
5
Ci
VI = VCC or GND
3.3 V
pF
Data inputs
4
Co
VO = VCC or GND
3.3 V
7
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This applies in the disabled state only.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
(1)
150
150
MHz
tw
Pulse duration, CLK high or low
(1)
(1)
3.3
3.3
ns
tsu
Setup time, data before CLK
(1)
(1)
1.9
1.9
ns
th
Hold time, data after CLK
(1)
(1)
1.5
1.5
ns
(1)
This information was not available at the time of publication.
4


Similar Part No. - SN74LVC821ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC821ADW TI-SN74LVC821ADW Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADW TI-SN74LVC821ADW Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821ADWR TI-SN74LVC821ADWR Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC821ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A_08 Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29822 TI1-SN74BCT29822 Datasheet
77Kb / 4P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
CD74FCT821A TI1-CD74FCT821A_13 Datasheet
223Kb / 9P
[Old version datasheet]   BiCMOS 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com