Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC827A Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC827A
Description  SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC827A Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC827A_16 Datasheet HTML 1Page - Texas Instruments SN74LVC827A_16 Datasheet HTML 2Page - Texas Instruments SN74LVC827A_16 Datasheet HTML 3Page - Texas Instruments SN74LVC827A_16 Datasheet HTML 4Page - Texas Instruments SN74LVC827A_16 Datasheet HTML 5Page - Texas Instruments SN74LVC827A_16 Datasheet HTML 6Page - Texas Instruments SN74LVC827A_16 Datasheet HTML 7Page - Texas Instruments SN74LVC827A_16 Datasheet HTML 8Page - Texas Instruments SN74LVC827A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN74LVC827A
SCAS306K – MARCH 1993 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range, applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range, applied to any output in the high or low state (2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2000
Charged device model (CDM), per JEDEC specification JESD22-C101,
V(ESD)
Electrostatic discharge
1000
V
all pins(2)
Machine Model (MM)
200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC827A


Similar Part No. - SN74LVC827A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC827ADBLE TI-SN74LVC827ADBLE Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827ADBR TI-SN74LVC827ADBR Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827ADBRE4 TI-SN74LVC827ADBRE4 Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827ADGVR TI-SN74LVC827ADGVR Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827ADGVRE4 TI-SN74LVC827ADGVRE4 Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC827A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com