Electronic Components Datasheet Search |
|
SN74LVC827ADGVR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
SN74LVC827ADGVR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 23 page Y1 To Nine Other Channels OE1 OE2 A1 SN74LVC827A www.ti.com SCAS306K – MARCH 1993 – REVISED DECEMBER 2014 9 Detailed Description 9.1 Overview This 10-bit buffer/bus driver is designed for 1.65-V to 3.6-V VCC operation. The SN74LVC827A provides a high-performance bus interface for wide data paths or buses carrying parity. The 3-state control gate is a 2-input AND gate with active-low inputs so that, if either output-enable (OE1 or OE2) input is high, all ten outputs are in the high-impedance state. The SN74LVC827A provides true data at its outputs. Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in a mixed 3.3-V/5-V system environment. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. 9.2 Functional Block Diagram 9.3 Feature Description • Wide operating voltage range – Operates from 1.65 V to 3.6 V • Allows down voltage translation – Inputs accept voltages to 5.5 V • Ioff feature – Allows voltages on the inputs and outputs when VCC is 0 V 9.4 Device Functional Modes Table 1. Function Table INPUTS OUTPUT Y OE1 OE2 A L L L L L L H H H X X Z X H X Z Copyright © 1993–2014, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: SN74LVC827A |
Similar Part No. - SN74LVC827ADGVR |
|
Similar Description - SN74LVC827ADGVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |