Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC827APWLE Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC827APWLE
Description  SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC827APWLE Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC827APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC827APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC827APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC827APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC827APWLE Datasheet HTML 9Page - Texas Instruments SN74LVC827APWLE Datasheet HTML 10Page - Texas Instruments SN74LVC827APWLE Datasheet HTML 11Page - Texas Instruments SN74LVC827APWLE Datasheet HTML 12Page - Texas Instruments SN74LVC827APWLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Y1
To Nine Other Channels
OE1
OE2
A1
SN74LVC827A
www.ti.com
SCAS306K – MARCH 1993 – REVISED DECEMBER 2014
9 Detailed Description
9.1 Overview
This 10-bit buffer/bus driver is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC827A provides a high-performance bus interface for wide data paths or buses carrying parity.
The 3-state control gate is a 2-input AND gate with active-low inputs so that, if either output-enable (OE1 or OE2)
input is high, all ten outputs are in the high-impedance state. The SN74LVC827A provides true data at its
outputs.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
9.2 Functional Block Diagram
9.3 Feature Description
Wide operating voltage range
Operates from 1.65 V to 3.6 V
Allows down voltage translation
Inputs accept voltages to 5.5 V
Ioff feature
Allows voltages on the inputs and outputs when VCC is 0 V
9.4 Device Functional Modes
Table 1. Function Table
INPUTS
OUTPUT
Y
OE1
OE2
A
L
L
L
L
L
L
H
H
H
X
X
Z
X
H
X
Z
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC827A


Similar Part No. - SN74LVC827APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC827APWLE TI-SN74LVC827APWLE Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC827APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com