Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9820 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM9820
Description  10/12-Bit Image Sensor Processor Analog Front End
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9820 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM9820 Datasheet HTML 2Page - Texas Instruments LM9820 Datasheet HTML 3Page - Texas Instruments LM9820 Datasheet HTML 4Page - Texas Instruments LM9820 Datasheet HTML 5Page - Texas Instruments LM9820 Datasheet HTML 6Page - Texas Instruments LM9820 Datasheet HTML 7Page - Texas Instruments LM9820 Datasheet HTML 8Page - Texas Instruments LM9820 Datasheet HTML 9Page - Texas Instruments LM9820 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM9820 Electrical Characteristics (Continued)
The following specifications apply for AGND = DGND = 0V, V
A =VD = +5.0VDC,fMCLK = 24 MHz, RS =25Ω. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. All LSB limits are in units of the LM9810’s 12-bit ADC.
(Notes 7, 8, 12)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
SYSTEM CHARACTERISTICS (SEE SECTION 1.7.1, INTERNAL OFFSETS)
V
OS1
Pre-Boost Analog Channel Offset Error,
18
-22.2
LSB (min)
CIS Mode
+57
LSB (max)
V
OS2
Pre-PGA Analog Channel Offset Error
-40
-94.3
LSB (min)
+16.4
LSB (max)
V
OS3
Post-PGA Analog Channel Offset Error
-44
-121
LSB (min)
+28
LSB (max)
DC and Logic Electrical Characteristics
The following specifications apply for AGND = DGND = 0V, V
A =VD = +5.0VDC,fMCLK = 24 MHz, Rs =25Ω. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
D0–D2, MCLK, NewLine, SampCLK DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D = 5.25V
2.0
V (max)
V
IN(0)
Logical “0” Input Voltage
V
D = 4.75V
0.8
V (min)
I
IN
Input Leakage Current
V
IN =VD
0.1
µA (max)
V
IN = DGND
−0.1
µA (max)
C
IN
Input Capacitance
5
pF
D0–D5, DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
V
D = 4.75V, IOUT = −360 µA
2.4
V (min)
V
D = 4.75V, IOUT = −10 µA
4.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
D = 5.25V, IOUT = 1.6 mA
0.4
V (max)
I
OUT
TRI-STATE® Output Current
V
OUT = DGND
0.1
µA
(D0–D5 only)
V
OUT =VD
−0.1
µA
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
Operating
45
57
mA (max)
Standby with Input Clocks Stopped
0.8
0.9
mA (max)
Standby with Input Clocks Running
3.0
mA
I
D
Digital Supply Current (Note 15)
Operating
220
320
µA (max)
Standby with Input Clocks Stopped
110
200
µA (max)
Standby with Input Clocks Running
220
µA
AC Electrical Characteristics
The following specifications apply for AGND = DGND = 0V, V
A =VD = +5.0VDC,fMCLK = 24 MHz, tMCLK = 1/fMCLK,
t
r =tf = 5 ns, Rs =25Ω. Boldface limits apply for TA =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
f
MCLK
Maximum MCLK Frequency
24
MHz (min)
MCLK Duty Cycle
40
(min)
60
(max)
t
MCLK
MCLK Period
41
ns (min)
t
SCNL
SampCLK Falling Edge before NewLine
Falling Edge
3
t
MCLK (min)
t
SampCLK
SampCLK Period
4
t
MCLK (min)
t
SampLo
Low Time for SampCLK
50
ns (min)
www.national.com
5


Similar Part No. - LM9820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9820CCWM NSC-LM9820CCWM Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9820CCWMX NSC-LM9820CCWMX Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
More results

Similar Description - LM9820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9810 NSC-LM9810 Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Wolfson Microelectronic...
WM8146 WOLFSON-WM8146 Datasheet
195Kb / 17P
   12-bit(84-bit) Linear Sensor Image Processor
logo
Maxim Integrated Produc...
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com