Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96511 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM96511
Description  Ultrasound Receive Analog Front End
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96511 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM96511_15 Datasheet HTML 4Page - Texas Instruments LM96511_15 Datasheet HTML 5Page - Texas Instruments LM96511_15 Datasheet HTML 6Page - Texas Instruments LM96511_15 Datasheet HTML 7Page - Texas Instruments LM96511_15 Datasheet HTML 8Page - Texas Instruments LM96511_15 Datasheet HTML 9Page - Texas Instruments LM96511_15 Datasheet HTML 10Page - Texas Instruments LM96511_15 Datasheet HTML 11Page - Texas Instruments LM96511_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
LNA
Serializer
X
X
Channel
Channel
PLL & CMU
Reference
To Registers
Post
Amp
SPI
12
LVDS
SLVS
1 b
ADC WCLK+
Attenuator
Mode
0 °
90 °
2
2
CT
6'
ADC
DVGA
LNA
Serializer
X
X
Channel 0
Channel 7
Divide by 16 &
Phase Shift
PLL & CMU
Reference
& Bias
To Registers
Post Amp -
SPI
12b
LVDS
SLVS
1b
Attenuator
90°
2
2
DVGA
CW Doppler (D - Mode)
ADC WCLK-
ADC BCLK+
ADC BCLK-
CW Q CH0
CW I CH0
ADC DOUT
CH0+
ADC DOUT
CH0-
B - Mode
LNA IN
CH0+
LNA IN
CH0-
CT6'
ADC
LM96511
SNAS476H – MAY 2010 – REVISED MAY 2013
www.ti.com
2.2
Simplified LM96511 Block Diagram
Figure 2-1. Simplified LM96511 Block Diagram
2.3
Typical Application
Figure 2-2. 8-Channel Transmit/Receive Chipset
8
DEVICE INFORMATION
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM96511


Similar Part No. - LM96511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96511CCSMNOPB TI1-LM96511CCSMNOPB Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
More results

Similar Description - LM96511_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
AFE5808A TI1-AFE5808A_15 Datasheet
1Mb / 83P
[Old version datasheet]   Ultrasound Analog Front-End
logo
Analog Devices
AD9674 AD-AD9674_17 Datasheet
963Kb / 48P
   Octal Ultrasound Analog Front End
logo
Texas Instruments
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
Rev 0; 7/09
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
   Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com