Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96550 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM96550
Description  Ultrasound Transmit Pulser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96550 Datasheet(HTML) 5 Page - Texas Instruments

  LM96550_14 Datasheet HTML 1Page - Texas Instruments LM96550_14 Datasheet HTML 2Page - Texas Instruments LM96550_14 Datasheet HTML 3Page - Texas Instruments LM96550_14 Datasheet HTML 4Page - Texas Instruments LM96550_14 Datasheet HTML 5Page - Texas Instruments LM96550_14 Datasheet HTML 6Page - Texas Instruments LM96550_14 Datasheet HTML 7Page - Texas Instruments LM96550_14 Datasheet HTML 8Page - Texas Instruments LM96550_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM96550
www.ti.com
SNAS504F – AUGUST 2010 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Maximum Junction Temperature (TJMAX)
+150°C
Storage Temperature Range
−40°C to +125°C
Supply Voltage (VDD)
–0.3V to +12V
Supply Voltage (VDN)
+0.3V and
−12V
Supply Voltage (VPP)
–0.3V and +55V
Supply Voltage (VPF)
VPP
−14V
Supply Voltage (VNN)
+0.3V and
−55V
Supply Voltage (VNF)
VNN +14V
Supply Voltage (VSUB)
−65V
IO Supply Voltage (VLL)
−0.3V to +5.5V
Voltage at Logic Inputs
−0.3V to VLL +0.3V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured to be functional, but do not specify specific performance limits. For specifications and test conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
OPERATING RATINGS
Operation Junction Temperature
0°C to + 70°C
VPP,
−VNN; High-voltage supply
+3.3V to +50V
VPF,
−VNF; Floating supply
VPP
−10V
VDD,
−VDN; Level-shift supply
+9V to 11V
VLL, Logic Supply
+2.4V to +5.3V
VSUB, Substrate bias supply
must be most negative
supply
Package Thermal Resistance (
θJA)
19.7°C/W
ESD Tolerance
Human Body Model
2kV
Machine Model
150V
Charge Device Model
750V
ANALOG CHARACTERISTICS
Unless otherwise stated, the following conditions apply
VLL = +3.3V, VPP =
−VNN = 50V, VPF = −VNF = VPP-10V, VDD = −VDN = 10V, VSUB = −55V, RL = 2 KΩ, TA = 25°C,
Mode = LO, EN = HI, Fin=5MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FOUT
Output Frequency Range
RL = 100Ω
1
15
MHz
Output Voltage Range
-48.5
+48.5
V
Output Current
2% Duty Cycle
2
A
100% Duty Cycle,
Output Current
0.6
Mode=HI
Second harmonic
RL = 100Ω || CL = 330pF
HD2
-40
dBc
distortion
(See (1))
RON
Output ON Resistance
100 mA
7
11
Output clamp
Positive or Negative pulse
2
A
(1)
VNF = -42V, VPF = 38V
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM96550


Similar Part No. - LM96550_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96550SQ TI1-LM96550SQ Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQE TI1-LM96550SQE Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQX TI1-LM96550SQX Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results

Similar Description - LM96550_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
[Old version datasheet]   LM96570 Ultrasound Configurable Transmit Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com