Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96550 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM96550
Description  Ultrasound Transmit Pulser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96550 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM96550_14 Datasheet HTML 4Page - Texas Instruments LM96550_14 Datasheet HTML 5Page - Texas Instruments LM96550_14 Datasheet HTML 6Page - Texas Instruments LM96550_14 Datasheet HTML 7Page - Texas Instruments LM96550_14 Datasheet HTML 8Page - Texas Instruments LM96550_14 Datasheet HTML 9Page - Texas Instruments LM96550_14 Datasheet HTML 10Page - Texas Instruments LM96550_14 Datasheet HTML 11Page - Texas Instruments LM96550_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
VPP
0
Output
NINx
PINx
50%
50%
50%
tdr
tdf
50%
VPP
90%
0
tr
Output
10%
NINx
PINx
90%
10%
tf
LM96550
SNAS504F – AUGUST 2010 – REVISED MAY 2013
www.ti.com
Timing Diagrams
RISE AND FALL TIME
The timing diagram shown in Figure 4 defines the rise and fall times tr and tf.
Figure 4. Timing Diagram Defining Rise and Fall Times
tr and tf, respectively
INPUT TO OUTPUT DELAY
The timing diagram shown in Figure 5 defines the delays between the input and output signals.
Figure 5. Timing Diagram Defining Input-to-Output Delays Times
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM96550


Similar Part No. - LM96550_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96550SQ TI1-LM96550SQ Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQE TI1-LM96550SQE Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQX TI1-LM96550SQX Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results

Similar Description - LM96550_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
[Old version datasheet]   LM96570 Ultrasound Configurable Transmit Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com