Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96551 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM96551
Description  Ultrasound Transmit Pulser
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96551 Datasheet(HTML) 3 Page - Texas Instruments

  LM96551_16 Datasheet HTML 1Page - Texas Instruments LM96551_16 Datasheet HTML 2Page - Texas Instruments LM96551_16 Datasheet HTML 3Page - Texas Instruments LM96551_16 Datasheet HTML 4Page - Texas Instruments LM96551_16 Datasheet HTML 5Page - Texas Instruments LM96551_16 Datasheet HTML 6Page - Texas Instruments LM96551_16 Datasheet HTML 7Page - Texas Instruments LM96551_16 Datasheet HTML 8Page - Texas Instruments LM96551_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
21
Vout7
Vout7
HVGND
VPP
VPP
VPP
VPP
VPF
HVGND
VNF
VNN
VNN
VNN
VNN
VSUB
VDN
AGND
VDD
AGND
VLL
Vout0
Vout0
HVGND
VPP
VPP
VPP
VPP
VPF
HVGND
VNF
VNN
VNN
VNN
VNN
VSUB
VDN
AGND
VDD
AGND
VLL
0: VSUB
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LM96551
LLP
LM96551
www.ti.com
SNAS511B – OCTOBER 2011 – REVISED MAY 2013
Pin Diagram
Figure 2. WQFN Package
See Package Number NKF0080A
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM96551


Similar Part No. - LM96551_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551SQ TI1-LM96551SQ Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551SQE TI1-LM96551SQE Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551SQX TI1-LM96551SQX Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
More results

Similar Description - LM96551_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
[Old version datasheet]   LM96570 Ultrasound Configurable Transmit Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com