Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM97600 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM97600
Description  High Performance, Low Power A/D
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM97600_15 Datasheet HTML 4Page - Texas Instruments LM97600_15 Datasheet HTML 5Page - Texas Instruments LM97600_15 Datasheet HTML 6Page - Texas Instruments LM97600_15 Datasheet HTML 7Page - Texas Instruments LM97600_15 Datasheet HTML 8Page - Texas Instruments LM97600_15 Datasheet HTML 9Page - Texas Instruments LM97600_15 Datasheet HTML 10Page - Texas Instruments LM97600_15 Datasheet HTML 11Page - Texas Instruments LM97600_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
1.2V Supply Voltage (VA, VTH, VC)
1.32V
2.5V Supply Voltage (VO, V25)
2.75V
1.2V Supply Difference
between VA, VTH, VC.
100mV
2.5V Supply Difference
between VO, V25.
100mV
Supply Sequence
(Power-up and Power-down)
2.5V Supply
≥1.2V Supply
Voltage on Any Input Pin (except VINx+/-)
−0.15V to (VA + 0.15V)
Voltage on VINx+/-
−0.15V to +2.0V
Voltage difference: Any VINx+ to VINy+ or VINx- to VINy-
≤1.5V
Input Current at Any Pin(4)
±25mA
Package Input Current (4)
±50mA
Power Dissipation at TA ≤ 85°C
3.77W
ESD Susceptibility(5)
Human Body Model
2500V
Charged Device Model
400V
Machine Model
250V
Storage Temperature
−65°C to +150°C
Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging. See (6).
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no ensurance of operation at the
Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific
performance limits. For ensured specifications and test conditions, see Converter Electrical Characteristics. The ensured specifications
apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supply limits (that is, less than GND or greater than VA), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two. This limit is not placed upon the power and ground pins.
(5)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO
Ohms.
(6)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Ambient Temperature Range
−40°C ≤ TA ≤ +85°C
1.2V Supply Voltage (VA, VTH, VC)
+1.14V to +1.26V
VA ≥ VTH
2.5V Supply Voltage (VO, V25)
+2.375V to +2.625V
Supply Sequence (Power-up and Power-down)
2.5V Supply
≥1.2V Supply
Analog Input Common Mode Voltage
VCMO ±50mV
VIN+, VIN- Voltage Range (Maintaining Common Mode)
+200mV to +1.85V
Voltage difference: Any VINx+ to VINy+ or VINx- to VINy-
≤1.5V
CLK Pins Voltage Range
0V to VA
Differential CLK Amplitude
0.4VP-P to 2.0VP-P
Common Mode Input Voltage
VCMO − 50mV < VCMI < VCMO + 50mV
(1)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no ensurance of operation at the
Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure specific
performance limits. For ensured specifications and test conditions, see Converter Electrical Characteristics. The ensured specifications
apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600


Similar Part No. - LM97600_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM97600 TI1-LM97600 Datasheet
1Mb / 57P
[Old version datasheet]   7.6-Bit, 1/2/4 Channel, 5/2.5/1.25 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - LM97600_15

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
ADC1143 INTRONICS-ADC1143 Datasheet
798Kb / 4P
   Low Power/High Performance 16-Bit A/D Converter
logo
Texas Instruments
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Rockchip Electronics Co...
RK3588 ROCKCHIP-RK3588 Datasheet
600Kb / 3P
   A high performance, low power AloT processor
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com