Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM97600 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM97600
Description  High Performance, Low Power A/D
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600 Datasheet(HTML) 2 Page - Texas Instruments

  LM97600 Datasheet HTML 1Page - Texas Instruments LM97600 Datasheet HTML 2Page - Texas Instruments LM97600 Datasheet HTML 3Page - Texas Instruments LM97600 Datasheet HTML 4Page - Texas Instruments LM97600 Datasheet HTML 5Page - Texas Instruments LM97600 Datasheet HTML 6Page - Texas Instruments LM97600 Datasheet HTML 7Page - Texas Instruments LM97600 Datasheet HTML 8Page - Texas Instruments LM97600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
VREF
Clock Management
SYNC Control
8-BIT
ADC_C
VIN3+
VIN3-
Data
Encoder
And
Serializer
OR
Control
Logic
8-BIT
ADC_D
3
CalRun
+
-
+
-
S/H
S/H
VCMO
SYNC+
SYNC-
Control
Inputs
Serial
Interface
VIN4+
VIN4-
INPUT
MUX
8
8
+
+
8-BIT
ADC_A
8-BIT
ADC_B
VIN1+
VIN1-
VIN2+
VIN2-
+
-
S/H
+
+
-
S/H
+
CLK+
CLK-
Data Bus Output
10 Lanes
High Speed Serial
Lane 9
Lane 10
Lane 8
Lane 7
Lane 6
Lane 5
Lane 4
Lane 3
Lane 2
Lane 1
8
8
N
2
Rterm
Rterm
Rterm
Rterm
Rterm
Rterm
LM97600
SNAS600A – JULY 2012 – REVISED MARCH 2013
www.ti.com
Block Diagram
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM97600


Similar Part No. - LM97600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM97600 TI1-LM97600 Datasheet
1Mb / 57P
[Old version datasheet]   7.6-Bit, 1/2/4 Channel, 5/2.5/1.25 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - LM97600

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
ADC1143 INTRONICS-ADC1143 Datasheet
798Kb / 4P
   Low Power/High Performance 16-Bit A/D Converter
logo
Texas Instruments
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Rockchip Electronics Co...
RK3588 ROCKCHIP-RK3588 Datasheet
600Kb / 3P
   A high performance, low power AloT processor
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com