Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM97937RMER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM97937RMER
Description  Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97937RMER Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM97937RMER Datasheet HTML 2Page - Texas Instruments LM97937RMER Datasheet HTML 3Page - Texas Instruments LM97937RMER Datasheet HTML 4Page - Texas Instruments LM97937RMER Datasheet HTML 5Page - Texas Instruments LM97937RMER Datasheet HTML 6Page - Texas Instruments LM97937RMER Datasheet HTML 7Page - Texas Instruments LM97937RMER Datasheet HTML 8Page - Texas Instruments LM97937RMER Datasheet HTML 9Page - Texas Instruments LM97937RMER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
VA3.3
OVRB/
TRIGGER
VA1.8
VA1.8
AGND
OVRA/
TRIGRDY
VA1.8
VA3.3
80:
80:
AGND
S+
S-
VA3.3
AGND
VA3.3
SYNC+
50:
50:
SYNC-
1k:
2.5V
AGND
2k:
2k:
34k:
34k:
3pF
1k:
2.5V
LM97937
SNVS990A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
PIN
NAME
TYPE/DIAGRAM
DESCRIPTION
Differential SYNCb signal input pins.
DC coupling is required for coupling the
SYNCb signal to these pins. Each pin is
internally terminated to the DC bias with a
large resistor. An internal 100
Ω differential
termination is provided therefore an external
27, 28
SYNCb+, SYNCb–
termination is not required. Additional
resistive components in the input structure
give the SYNCb input a wide input common-
mode range. The SYNCb signal is active low
and is therefore asserted when the voltage
at SYNCb+ is less than at SYNCb–.
Differential high speed serial data lane pins
for channel A.
These pins must be AC coupled to the
receiving device. The differential trace
38, 39, 36, 37
SA0+, SA0–, SA1+, SA1–
routing from these pins must maintain a
100
Ω characteristic impedance. In single-
lane mode, SA0 +/– is utilized to transfer
data and SA1+/– is undefined and may be
left floating.
Differential high speed serial data lane pins
for channel B. These pins must be AC
coupled to the receiving device. The
differential trace routing from these pins
32, 33, 34, 35
SB0+, SB0–, SB1+, SB1–
must maintain a 100
Ω characteristic
impedance. In single-lane mode, SB0+/– is
utilized to transfer data and SB1+/– is
undefined and may be left floating.
Dual purpose pin.
While in SNRBoost mode, this pin outputs
the channel A over-range signal.
While in Bit-Burst mode and in Trigger sub-
44
OVRA/ TRIGRDY
mode, this pin outputs the “trigger ready”
signal that indicates when a Bit-Burst cycle
has completed and a new trigger edge may
be applied. This pin is a 1.8 V CMOS logic
level output.
Dual purpose pin.
While in SNRBoost mode, this pin outputs
the channel B over-range signal. In this
mode, the pin is a 1.8 V CMOS logic level
output.
43
OVRB/ TRIGGER
While in Bit-Burst mode and Trigger sub-
mode, this pin is the “trigger” signal that is
used to start a new Bit-Burst cycle when a
rising edge is applied. In this mode, the pin
is a 1.8 V CMOS logic level asynchronous
input.
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM97937


Similar Part No. - LM97937RMER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
More results

Similar Description - LM97937RMER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com