Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM98640 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM98640
Description  Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640 Datasheet(HTML) 4 Page - Texas Instruments

  LM98640_14 Datasheet HTML 1Page - Texas Instruments LM98640_14 Datasheet HTML 2Page - Texas Instruments LM98640_14 Datasheet HTML 3Page - Texas Instruments LM98640_14 Datasheet HTML 4Page - Texas Instruments LM98640_14 Datasheet HTML 5Page - Texas Instruments LM98640_14 Datasheet HTML 6Page - Texas Instruments LM98640_14 Datasheet HTML 7Page - Texas Instruments LM98640_14 Datasheet HTML 8Page - Texas Instruments LM98640_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Image Processor/
ASIC
VA
VA
3.3V
+
1.8V
+
4.7 PF
4.7 PF
VD
0.1 PF
0.1 PF
VD
VA
VD
0.1 PF
0.1 PF
100
Ö
CCD Sensor
and
Output Signal
Buffers
CCD Clock Drivers
0.1 PF
0.1 PF
VCOM1
VDD33
VDD33
VSS33
VSS33
OS1-
OS1+
VSS33
VCLP
VSS33
OS2+
OS2-
VSS33
VSS33
VDD33
VDD33
VCOM2
ATB0
VDD18
VSS18
TXCLK-
TXCLK+
TXOUT0-
TXOUT0+
TXOUT1-
TXOUT1+
TXOUT2-
TXOUT2+
TXOUT3-
TXOUT3+
TXFRM-
TXFRM+
VSS18
VDD18
LM98640
CCD Timing Output Bus
Serial Interface and
Device Control Bus
VA
10 k
Ö
0.1 PF
VA
Pins 2,3
0.1 PF
VA
Pins 15,16
0.1 PF
VA
Pin 22
0.1 PF
VA
Pin 23
0.1 PF
VD
Pin 32
0.1 PF
VD
Pin 35
0.1 PF
VD
Pin 50
0.1 PF
VD
Pins 53,54
Pins 4,5
Pins 13,14
Pin 21
Pin 24
Pin 31
Pin 36
Pin 49 Pins 55,56
0.1 PF
0.1 PF
VA
Pin 60
0.1 PF
VA
Pin 61
Pin 59
Pin 62
0.1 PF
0.1 PF
0.1 PF
VREFBG
Pin 65
LM98640
SNAS596A – JUNE 2012 – REVISED MAY 2013
www.ti.com
Typical Application Diagram
Figure 4. Typical Sample/Hold Mode Application Diagram
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM98640


Similar Part No. - LM98640_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640CILQ TI1-LM98640CILQ Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
More results

Similar Description - LM98640_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com