Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM98640 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM98640
Description  Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM98640 Datasheet HTML 2Page - Texas Instruments LM98640 Datasheet HTML 3Page - Texas Instruments LM98640 Datasheet HTML 4Page - Texas Instruments LM98640 Datasheet HTML 5Page - Texas Instruments LM98640 Datasheet HTML 6Page - Texas Instruments LM98640 Datasheet HTML 7Page - Texas Instruments LM98640 Datasheet HTML 8Page - Texas Instruments LM98640 Datasheet HTML 9Page - Texas Instruments LM98640 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
LM98640
SNAS596A – JUNE 2012 – REVISED MAY 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin
Name
I/O(1)
Typ
Res
Description
46
TXOUT0-
O
D
LVDS Data Out0-
47
TXCLK+
O
D
LVDS Clock+
48
TXCLK-
O
D
LVDS Clock-
49
VSS18
P
Digital supply return.
50
VDD18
P
Digital power supply. Decouple with minimum 0.1 µF capacitor to VSS18 plane.
51
ATB0
O
A
Analog Test Bus. If not used, can be connected to VSS18 through a 10 k
Ω resistor.
52
ATB1
O
A
Analog Test Bus. If not used, can be connected to VSS18 through a 10 k
Ω resistor.
53
VDD18
P
Digital power supply. Decouple with minimum 0.1 µF capacitor to VSS18 plane.
54
VDD18
P
Digital power supply. Decouple with minimum 0.1 µF capacitor to VSS18 plane.
55
VSS18
P
Digital supply return.
56
VSS18
P
Digital supply return.
57
INCLK-
I
D
Clock Input. Inverting input for LVDS clocks.
58
INCLK+
I
D
Clock Input. Non-Inverting input for LVDS clocks.
59
VSS33
P
Analog supply return.
60
VDD33
P
Analog power supply. Decouple with minimum 0.1 µF capacitor to VSS33 plane.
61
VDD33
P
Analog power supply. Decouple with minimum 0.1 µF capacitor to VSS33 plane.
62
VSS33
P
Analog supply return.
63
IBIAS0
I
A
Connect with external 10 k
Ω 1% resistor to IBIAS1 pin.
64
IBIAS1
I
A
Connect with external 10 k
Ω 1% resistor to IBIAS0 pin.
65
VREFBG
O
A
Band gap reference output. Bypass with a 0.1 µF capacitor to VSS33. Can be overdriven
with external voltage source.
66
VSS33
P
Analog supply return.
67
VREFT1
O
A
Top of ADC reference. Bypass with a 0.1 µF capacitor to VSS33.
68
VREFB1
O
A
Bottom of ADC reference. Bypass with a 0.1 µF capacitor to VSS33.
Exp Pad
P
Exposed pad must be soldered to ground plane to ensure rated performance.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM98640


Similar Part No. - LM98640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CILQ TI1-LM98640CILQ Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
More results

Similar Description - LM98640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com