Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6032IM Datasheet(PDF) 5 Page - Texas Instruments

Part # LMC6032IM
Description  CMOS Dual Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6032IM Datasheet(HTML) 5 Page - Texas Instruments

  LMC6032IM Datasheet HTML 1Page - Texas Instruments LMC6032IM Datasheet HTML 2Page - Texas Instruments LMC6032IM Datasheet HTML 3Page - Texas Instruments LMC6032IM Datasheet HTML 4Page - Texas Instruments LMC6032IM Datasheet HTML 5Page - Texas Instruments LMC6032IM Datasheet HTML 6Page - Texas Instruments LMC6032IM Datasheet HTML 7Page - Texas Instruments LMC6032IM Datasheet HTML 8Page - Texas Instruments LMC6032IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LMC6032
www.ti.com
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
GND = 0V, VCM = 1.5V, VOUT = 2.5V and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical
LMC6032I
Units
(1)
Limit
(2)
SR
Slew Rate
See(3)
1.1
0.8
V/
μs
0.4
min
GBW
Gain-Bandwidth Product
1.4
MHz
φM
Phase Margin
50
Deg
GM
Gain Margin
17
dB
Amp-to-Amp Isolation
See(4)
130
dB
en
Input-Referred Voltage Noise
F = 1 kHz
22
nV/
√Hz
in
Input-Referred Current Noise
F = 1 kHz
0.0002
pA/
√Hz
F = 10 kHz, AV = −10
THD
Total Harmonic Distortion
RL = 2 kΩ, VO = 8 VPP
0.01
%
±5V Supply
(1)
Typical values represent the most likely parametric normal.
(2)
All limits are specified at room temperature (standard type face) or at operating temperature extremes (bold type face).
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
(4)
Input referred. V+ = 15V and RL = 10 kΩ connected to V
+/2. Each amp excited in turn with 1 kHz to produce V
O = 13 VPP.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6032


Similar Part No. - LMC6032IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6032IM NSC-LMC6032IM Datasheet
291Kb / 13P
   CMOS Dual Operational Amplifier
More results

Similar Description - LMC6032IM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Renesas Technology Corp
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
   CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
   CMOS Dual operational amplifier
logo
National Semiconductor ...
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
   CMOS Dual Operational Amplifier
LMC6032 NSC-LMC6032 Datasheet
291Kb / 13P
   CMOS Dual Operational Amplifier
logo
Renesas Technology Corp
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
   CMOS Dual Operational Amplifier
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
   CMOS Dual Operational Amplifier
READ2302G RENESAS-READ2302G Datasheet
634Kb / 9P
   CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com