Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3492-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3492-Q1
Description  Two-Channel Individual Dimmable LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3492-Q1 Datasheet HTML 6Page - Texas Instruments LM3492-Q1 Datasheet HTML 7Page - Texas Instruments LM3492-Q1 Datasheet HTML 8Page - Texas Instruments LM3492-Q1 Datasheet HTML 9Page - Texas Instruments LM3492-Q1 Datasheet HTML 10Page - Texas Instruments LM3492-Q1 Datasheet HTML 11Page - Texas Instruments LM3492-Q1 Datasheet HTML 12Page - Texas Instruments LM3492-Q1 Datasheet HTML 13Page - Texas Instruments LM3492-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM3492, LM3492Q
SNVS656C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
Figure 16. Switching Frequency
The two-channel current regulator of the LM3492 is fast response so that it can allow very high contrast ratio
(1000:1 at 3 kHz LED dimming frequency, minimum pulse width of the dimming signal is 300 ns). The two
channels are dimmable individually. Channel 1 of the current regulator can be disabled by a digital command
send through the COMM pin. In this case, the DIM1 pin can serve only as a clock signal for the data flow of the
COMM pin. The power dissipated by the current regulator is adaptively minimized by Dynamic Headroom Control
in order to maximize efficiency.
The LM3492 can be applied in numerous applications like automotive LCD backlight panels. It can operate
efficiently for inputs as high as 65V. Diagnostic functions including power good indication, over-temperature
indication, IOUT over- and under-voltage indications facilitate the interface of the LM3492 application circuit with
external micro-processors (MCUs). The LM3492 will not latch off and continue to operate in the presence of the
indications. Other useful features include thermal shutdown, VCC under-voltage lock-out, and precision enable.
The LM3492 is available in the thermally enhanced HTSSOP package.
LDO Regulator
A 5.5V LDO regulator is integrated in the LM3492. For stability, an external capacitor CVCC of more than 0.47 µF
should be connected between the VCC and GND pins. The current limit of the LDO is typically 30 mA. It can be
used to pull-up the open-drain COMM pin with an external resistor, and inject current to the ILIM pin to adjust the
current limit of the integrated MOSFET. When the voltage on the VCC pin (VCC) is higher than the under-voltage
lock-out (UVLO) threshold of 3.78V, the LM3492 is enabled and the CDHC pin sources a current to charge up an
external capacitor CCDHC to provide a soft-start function.
Enable and Disable
To enable the LM3492, the voltage on the EN pin (VEN) must be higher than an enable threshold of typically
1.63V. If VEN is lower than 1.43V, the LM3492 is shutdown. In this case, the LDO regulator is turned off and the
CDHC pin is internally grounded. The EN pin is internally pulled up. After enable, the EN pin is pulled up by a 40
µA current source. If the EN pin is connected to low such that the LM3492 is shutdown, the pull-up current is
reduced to 2 µA. These take the advantages that the LM3492 can effectively avoid false disabling by noise
during operation, and minimize power consumption during shutdown. The enable threshold is precise such that it
can be used to implement an UVLO function for the input voltage as shown in Figure 17. The input voltage can
be connected to the EN pin through a resistor divider consists of REN1 and REN2. This can ensure that the
LM3492 is operated after the input voltage reaches a minimum require value VIN(EN), which can be calculated by
the following equation:
VIN(EN) = 1.63V(1 + REN1/ REN2)
(1)
A zener diode DEN should be placed between the EN and GND pins to keep VEN below its absolute maximum
caused by the increase of the input voltage.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3492 LM3492Q


Similar Part No. - LM3492-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3492 NSC-LM3492 Datasheet
607Kb / 8P
   Evaluation Board Reference Design integrates a boost converter
logo
Texas Instruments
LM3492 TI-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI-LM34922 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results

Similar Description - LM3492-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Two-Channel, Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com