Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73WL4R020F Datasheet(PDF) 2 Page - CTS Corporation

Part # 73WL4R020F
Description  Thick Film Construction ??Wide Terminal Configuration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73WL4R020F Datasheet(HTML) 2 Page - CTS Corporation

  73WL4R020F Datasheet HTML 1Page - CTS Corporation 73WL4R020F Datasheet HTML 2Page - CTS Corporation 73WL4R020F Datasheet HTML 3Page - CTS Corporation 73WL4R020F Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0543-0
Page 2 - 4
Rev. B
Series 73WLx & 73WEx
Current Sensing Resistor – Wide Terminal
ORDERING INFORMATION
STANDARD RESISTOR VALUES
ELECTRICAL CHARACTERISTICS
Standard Resistance Values [Based on EIA E-24 Sequence]
4-Digit Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
0.010Ω
R010
0.030Ω
R030
0.082Ω
R082
0.240Ω
R240
0.680Ω
R680
0.011Ω
R011
0.033Ω
R033
0.091Ω
R091
0.270Ω
R270
0.750Ω
R750
0.012Ω
R012
0.036Ω
R036
0.100Ω
R100
0.300Ω
R300
0.820Ω
R820
0.013Ω
R013
0.039Ω
R039
0.110Ω
R110
0.330Ω
R330
0.910Ω
R910
0.015Ω
R015
0.043Ω
R043
0.120Ω
R120
0.360Ω
R360
0.016Ω
R016
0.047Ω
R047
0.130Ω
R130
0.390Ω
R390
0.018Ω
R018
0.051Ω
R051
0.150Ω
R150
0.430Ω
R430
0.020Ω
R020
0.056Ω
R056
0.160Ω
R160
0.470Ω
R470
0.022Ω
R022
0.062Ω
R062
0.180Ω
R180
0.510Ω
R510
0.024Ω
R024
0.068Ω
R068
0.200Ω
R200
0.560Ω
R560
0.027Ω
R027
0.075Ω
R075
0.220Ω
R220
0.620Ω
R620
Standard Resistance Values [Based on EIA E-24 Sequence]
4-Digit Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
Resistor
Value
Resistor
Code
0.005Ω
R005
0.011Ω
R011
0.020Ω
R020
0.036Ω
R036
0.075Ω
R075
0.006Ω
R006
0.012Ω
R012
0.022Ω
R022
0.039Ω
R039
0.082Ω
R082
0.007Ω
R007
0.013Ω
R013
0.024Ω
R024
0.043Ω
R043
0.091Ω
R091
0.008Ω
R008
0.015Ω
R015
0.027Ω
R027
0.056Ω
R056
0.009Ω
R009
0.016Ω
R016
0.030Ω
R030
0.062Ω
R062
0.010Ω
R010
0.018Ω
R018
0.033Ω
R033
0.068Ω
R068
73WLx
73WEx
Package
Code
Rated
Wattage *
Tolerance
Resistance E-24
T.C.R
Inch [mm]
[Watts]
[%]
[mΩ]
[ppm/°C]
F = ±1
100 - 910
±200
10 - 33
±500
36 - 91
±350
100 - 910
±200
F = ±1
100 - 910
±200
10 - 33
±500
36 - 91
±350
100 - 910
±200
F = ±1
100 - 910
±200
10 - 33
±500
36 - 91
±350
100 - 910
±200
* @ +70°C.
Package
Code
Rated
Wattage *
Tolerance
Resistance E-24
T.C.R
Inch [mm]
[Watts]
[%]
[mΩ]
[ppm/°C]
F = ±1
10 - 91
J = ±5
5 - 91
F = ±1
10 - 91
J = ±5
5 - 91
F = ±1
10 - 91
J = ±5
5 - 91
* @ +70°C.
±100
-55°C to +155°C
±100
-55°C to +155°C
-55°C to +155°C
±100
Type
-55°C to +155°C
-55°C to +155°C
J = ±5
Working
Voltage
[max V]
Overload
Voltage
[max V]
200
400
Operating
Temperature Range
Operating
Temperature Range
-55°C to +155°C
73WE7
2512 [6432]
2.0
73WL7
2512 [6432]
2.0
73WE6
2010 [5025]
1.0
1206 [3216]
0.75
J = ±5
J = ±5
Type
73WL4
73WE4
1206 [3216]
0.75
73WL6
2010 [5025]
1.0


Similar Description - 73WL4R020F

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVC TTELEC-HVC Datasheet
435Kb / 3P
   Robust thick film construction
logo
YAGEO Corporation
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
logo
Rohm
LTR ROHM-LTR_V01 Datasheet
947Kb / 8P
   High Power Thick Film Shunt Resistors / Wide terminal type
2022.12 - Rev.017
LTR ROHM-LTR Datasheet
643Kb / 7P
   High power thick film shunt resistors
2021.06
logo
Bourns Electronic Solut...
4400P BOURNS-4400P Datasheet
247Kb / 2P
   Thick Film Surface Mounted Wide Body
logo
Stackpole Electronics, ...
RMCW SEI-RMCW Datasheet
458Kb / 7P
   Wide Termination Thick Film Chip Resistor
2/16/2022
logo
Bourns Electronic Solut...
4416P-T02-222 BOURNS-4416P-T02-222 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
4416P-2-103 BOURNS-4416P-2-103 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
logo
Ohmite Mfg. Co.
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
   Precision Thick Film Axial Terminal High Voltage
logo
List of Unclassifed Man...
L101S221LF ETC2-L101S221LF Datasheet
169Kb / 5P
   Thick Film
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com