Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM3D0804A-S Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM3D0804A-S
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM3D0804A-S Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM3D0804A-S Datasheet HTML 1Page - ELM Technology Corporation ELM3D0804A-S Datasheet HTML 2Page - ELM Technology Corporation ELM3D0804A-S Datasheet HTML 3Page - ELM Technology Corporation ELM3D0804A-S Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ELM3D0804A-S
4 -
■Electrical characteristics
Parameter
Symbol
Condition
Min. Typ. Max. Unit Note
STATIC PARAMETERS
Drain-source breakdown voltage
BVdss Id=250μA, Vgs=0V
40
V
Zero gate voltage drain current
Idss
Vds=32V, Vgs=0V
1
μA
Vds=30V, Vgs=0V, Ta=55°C
10
Gate-body leakage current
Igss Vds=0V, Vgs=±20V
±100 nA
Gate threshold voltage
Vgs(th) Vds=Vgs, Id=250μA
1.5
2.0
3.0
V
Static drain-source on-resistance
Rds(on)
Vgs=10V, Id=20A
6.5
8.0
1
Vgs=4.5V, Id=20A
14.0 22.0
Forward transconductance
Gfs Vds=15V, Id=20A
40
S
1
Diode forward voltage
Vsd If=20A, Vgs=0V
1.3
V
1
Max. body-diode continuous current
Is
14
A
DYNAMIC PARAMETERS
Input capacitance
Ciss
Vgs=0V, Vds=20V, f=1MHz
2370
pF
Output capacitance
Coss
388
pF
Reverse transfer capacitance
Crss
249
pF
Gate resistance
Rg
Vgs=0V, Vds=0V, f=1MHz
1
Ω
SWITCHING PARAMETERS
Total gate charge (Vgs=10V)
Qg
Vds=20V, Vgs=10V, Id=20A
44
nC
2
Total gate charge (Vgs=4.5V)
20
nC
2
Gate-source charge
Qgs
11
nC
2
Gate-drain charge
Qgd
10
nC
2
Turn-on delay time
td(on)
Vds=20V, RL=1Ω, Id=20A,
Vgs=10V, Rgen=6Ω
19
ns
2
Turn-on rise time
tr
18
ns
2
Turn-off delay time
td(off)
58
ns
2
Turn-off fall time
tf
20
ns
2
Body diode reverse recovery time
trr
If=20A, dIf/dt=100A/μs
32
ns
Body diode reverse recovery charge
Qrr
19
nC
Single N-channel MOSFET
NOTE :
1. Pulse test : Pulsed width ≤ 300μsec and Duty cycle ≤ 2%.
2. Independent of operating temperature.
3. Pulsed width limited by maximum junction temperature.
Ta=25°C. Unless otherwise noted.


Similar Part No. - ELM3D0804A-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM3D0403A-S ELM-TECH-ELM3D0403A-S Datasheet
797Kb / 4P
   Single N-channel MOSFET
ELM3D0603A-S ELM-TECH-ELM3D0603A-S Datasheet
884Kb / 5P
   Single N-channel MOSFET
ELM3D0703A-S ELM-TECH-ELM3D0703A-S Datasheet
787Kb / 4P
   Single N-channel MOSFET
More results

Similar Description - ELM3D0804A-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com