Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM5B801QA-N Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM5B801QA-N
Description  Dual P-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM5B801QA-N Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM5B801QA-N Datasheet HTML 1Page - ELM Technology Corporation ELM5B801QA-N Datasheet HTML 2Page - ELM Technology Corporation ELM5B801QA-N Datasheet HTML 3Page - ELM Technology Corporation ELM5B801QA-N Datasheet HTML 4Page - ELM Technology Corporation ELM5B801QA-N Datasheet HTML 5Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
ELM5B801QA-N
5 -
■General description
■Features
■Maximum absolute ratings
■Thermal characteristics
Parameter
Symbol
Typ.
Max.
Unit
Maximum junction-to-ambient
Steady-state
Rθja
120
°C/W
Parameter
Symbol
Limit
Unit
Drain-source voltage
Vds
-20
V
Gate-source voltage
Vgs
±12
V
Continuous drain current
Ta=25°C
Id
-4.5
A
Ta=70°C
-3.8
Pulsed drain current
Idm
-12
A
Power dissipation
Tc=25°C
Pd
6.5
W
Tc=70°C
4.2
Junction and storage temperature range
Tj, Tstg
-55 to 150
°C
ELM5B801QA-N uses advanced trench
technology to provide excellent Rds(on)
and low gate charge.
Dual P-channel MOSFET
S1
G1
D1
S2
G2
D2
■Pin configuration
■Circuit
DFN6-2x2(TOP VIEW)
Pin No.
Pin name
1
SOURCE1
2
GATE1
3
DRAIN2
4
SOURCE2
5
GATE2
6
DRAIN1
• Vds=-20V
• Id=-4.5A, Rds(on)=96mΩ (Vgs=-4.5V)
• Id=-3.8A, Rds(on)=128mΩ (Vgs=-2.5V)
• Id=-2.5A, Rds(on)=180mΩ (Vgs=-1.8V)
Ta=25°C. Unless otherwise noted.


Similar Part No. - ELM5B801QA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM51400FA-S ELM-ELM51400FA-S Datasheet
2Mb / 6P
   Single N-channel MOSFET
ELM51401FA-S ELM-ELM51401FA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM51402FA-S ELM-ELM51402FA-S Datasheet
1Mb / 5P
   Single N-channel MOSFET
ELM51404FA-S ELM-ELM51404FA-S Datasheet
1Mb / 5P
   Single N-channel MOSFET
ELM529575A-S ELM-ELM529575A-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
More results

Similar Description - ELM5B801QA-N

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
ELM Electronics
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
   Dual P-channel MOSFET
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
   Dual P-channel MOSFET
logo
ELM Technology Corporat...
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
   Dual P-channel MOSFET
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
   Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
   Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
   Dual P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4805 UMW-AO4805 Datasheet
508Kb / 6P
   Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com