Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74SSTVF16857 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74SSTVF16857
Description  14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTVF16857 Datasheet(HTML) 1 Page - Texas Instruments

  SN74SSTVF16857_09 Datasheet HTML 1Page - Texas Instruments SN74SSTVF16857_09 Datasheet HTML 2Page - Texas Instruments SN74SSTVF16857_09 Datasheet HTML 3Page - Texas Instruments SN74SSTVF16857_09 Datasheet HTML 4Page - Texas Instruments SN74SSTVF16857_09 Datasheet HTML 5Page - Texas Instruments SN74SSTVF16857_09 Datasheet HTML 6Page - Texas Instruments SN74SSTVF16857_09 Datasheet HTML 7Page - Texas Instruments SN74SSTVF16857_09 Datasheet HTML 8Page - Texas Instruments SN74SSTVF16857_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74SSTVF16857
14BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES411B – AUGUST 2002 – REVISED APRIL 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D Operates at 2.3 V to 2.7 V for PC1600,
PC2100, and PC2700; 2.5 V to 2.7 V for
PC3200
D Pinout and Functionality Compatible With
JEDEC Standard SSTV16857
D 600 ps Faster (Simultaneous Switching)
Than JEDEC Standard SSTV16857 in
PC2700 DIMM Applications
D Output Edge-Control Circuitry Minimizes
Switching Noise in Unterminated DIMM
Load
D Outputs Meet SSTL_2 Class I
Specifications
D Supports SSTL_2 Data Inputs
D Differential Clock (CLK and CLK) Inputs
D Supports LVCMOS Switching Levels on the
RESET Input
D RESET Input Disables Differential Input
Receivers, Resets All Registers, and
Forces All Outputs Low
D Flow-Through Architecture Optimizes PCB
Layout
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
This 14-bit registered buffer is designed for 2.3-V to 2.7-V VCC operation.
All inputs are SSTL_2, except the LVCMOS reset (RESET) input. All outputs are edge-controlled circuits
optimized for unterminated DIMM loads and meet SSTL_2 Class I specifications.
The SN74SSTVF16857 operates from a differential clock (CLK and CLK). Data are registered at the crossing
of CLK going high and CLK going low.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
0
°C to 70°C
TSSOP – DGG
Tape and reel
SN74SSTVF16857GR
SSTVF16857
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Widebus is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Q1
Q2
GND
VDDQ
Q3
Q4
Q5
GND
VDDQ
Q6
Q7
VDDQ
GND
Q8
Q9
VDDQ
GND
Q10
Q11
Q12
VDDQ
GND
Q13
Q14
D1
D2
GND
VCC
D3
D4
D5
D6
D7
CLK
CLK
VCC
GND
VREF
RESET
D8
D9
D10
D11
D12
VCC
GND
D13
D14
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74SSTVF16857_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTVF16857GR TI-SN74SSTVF16857GR Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTVF16857VR TI-SN74SSTVF16857VR Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
More results

Similar Description - SN74SSTVF16857_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Texas Instruments
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com