Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73E2R020G Datasheet(PDF) 3 Page - CTS Corporation

Part # 73E2R020G
Description  Current Sensing Resistors ??Thick Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73E2R020G Datasheet(HTML) 3 Page - CTS Corporation

  73E2R020G Datasheet HTML 1Page - CTS Corporation 73E2R020G Datasheet HTML 2Page - CTS Corporation 73E2R020G Datasheet HTML 3Page - CTS Corporation 73E2R020G Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0337-0
Page 3 - 4
Rev. A
Series 73Lx & 73Ex
Current Sensing Resistor – Thick Film
MECHANICAL SPECIFICATION
PACKAGE DRAWING
Package
Code
Inch (mm)
c
d
+0.2
+0.15
-0.1
-0.05
+0.2
+0.2
+0.15
-0.1
-0.1
-0.05
+0.1
+0.1
+0.15
-0.15
-0.15
-0.05
+0.1
+0.1
+0.15
-0.15
-0.15
-0.05
0.25 ±0.10
0.35 ±0.05
0.25 ±0.20
73L0
0201 (0603)
0.60 ±0.03
0.30 ±0.03
0.50
73L1
1.00 ±0.05
73L5
3.20
2.60
0.55
1210 (3225)
3.20 ±0.15
73L7
6.30 ±0.15
73L6
73E6
5.00 ±0.15
2.50 ±0.15
2512 (6432)
2010 (5025)
0.60 ±0.20
1.25
0.40 ±0.20
0.50 ±0.20
73L4
73E4
3.20
1.60
0.50 ±0.20
1206 (3216)
0.50
73L2
1.60 ±0.15
0.80
0.25 ±0.20
0603 (1608)
0805 (2012)
73L3
73E3
2.00
0.50 ±0.03
0.20 ±0.10
0402 (1005)
Type
Dimensions
(mm)
LW
t
0.12 ±0.05
0.15 ±0.05
0.23 ±0.03
0.50 ±0.20
0.55
0.60 ±0.25
0.56 ±0.15
0.60 ±0.25
0.60 ±0.25
0.56 ±0.15
0.50 ±0.20
0.40 ±0.20
MARKING
Type
Part Marking
73L0
73L1
73L2
73L3
73L4
73L5
73L6
73L7
73E3
73E4
73E6
None
None
"R" is the decimal point
3 digits (E24): First two numbers are
effective numbers in ohms (?).
Example: "R20" = 0.20?
t
d
d
L
W
c
c
RECOMMENDED LAND PATTERN
A
C
B
AB
C
73L0
0.36 1.00 0.40
73L1
0.60 2.00 0.70
73L2
1.00 3.00 1.20
73L5
2.20 5.00 2.90
73L7
4.20 8.20 3.70
Type
Dimensions
(mm)
2.20
3.20
1.20
73L4
73E4
73L6
73E6
73L3
73E3
2.00
3.00
1.65
5.00
6.60
4.00


Similar Part No. - 73E2R020G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73E4 CTS-73E4 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
73E6 CTS-73E6 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
logo
NIHON DEMPA KOGYO
73EE15AA NDK-73EE15AA Datasheet
461Kb / 1P
   4 Pole MCF
73EE15AA NDK-73EE15AA Datasheet
452Kb / 1P
   4 Pole SMD MCF
More results

Similar Description - 73E2R020G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
logo
WALSIN TECHNOLOGY CORPO...
WWXXP WALSIN-WWXXP Datasheet
422Kb / 10P
   Thick Film High Power Current Sensing Chip Resistors
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
logo
List of Unclassifed Man...
RS02 ETC-RS02 Datasheet
1Mb / 3P
   CURRENT SENSING THICK FILM CHIP RESISTROS
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
   Thick Film Resistors
logo
Vishay Siliconix
SA VISHAY-SA_15 Datasheet
82Kb / 3P
   Current Sensing Wirebondable Thin Film Chip Resistors
Revision: 13-Mar-15
logo
Riedon Powertron
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
   Thick Film Resistors
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
   Thick Film Resistors
logo
List of Unclassifed Man...
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com