Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS085NT Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75ALS085NT
Description  LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS085NT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75ALS085NT Datasheet HTML 4Page - Texas Instruments SN75ALS085NT Datasheet HTML 5Page - Texas Instruments SN75ALS085NT Datasheet HTML 6Page - Texas Instruments SN75ALS085NT Datasheet HTML 7Page - Texas Instruments SN75ALS085NT Datasheet HTML 8Page - Texas Instruments SN75ALS085NT Datasheet HTML 9Page - Texas Instruments SN75ALS085NT Datasheet HTML 10Page - Texas Instruments SN75ALS085NT Datasheet HTML 11Page - Texas Instruments SN75ALS085NT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN75ALS085
LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
SLLS054D – APRIL 1989 – REVISED OCTOBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
TXO shorted to TXO,
Current measured in short
150
TXO at 0 V,
TXO is open,
Current measured at TXO
150
TXO is open,
TXO at 0,
Current measured at TXO
150
Driver fault condition current‡
TXO at 0 V,
TXO at 0 V,
Current measured at TXO and TXO
150
mA
TXO at 16 V,
TXO is open,
Current measured at TXO
150
TXO is open,
TXO at 16 V,
Current measured at TXO
150
TXO at 16 V,
TXO at 16 V,
Current measured at TXO and TXO
150
RXI shorted to RXI,
Current measured in short
10
RXI at 0 V,
RXI is open,
Current measured at RXI
3
RXI is open,
RXI at 0 V,
Current measured at RXI
3
Receiver fault condition current‡
RXI at 0 V,
RXI at 0 V,
Current measured at RXI and RXI
3
mA
RXI at 16 V,
RXI at open,
Current measured at RXI
10
RXI at open,
RXI at 16 V,
Current measured at RXI
10
RXI at 16 V,
RXI at 16 V,
Current measured at RXI and RXI
10
‡ Fault conditions should be measured on only one channel at a time.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
driver
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
Propagation delay time,
low-to-high level output
TXI
TXO, TXO
TXEN at 2 V,
See Figure 3
15
ns
tPHL
Propagation delay time,
high-to-low level output
TXI
TXO, TXO
TXEN at 2 V,
See Figure 3
15
ns
tPIL
Propagation delay time,
idle-to-low level output
TXI
TXO, TXO
TXEN at 2 V,
See Figure 4
25
ns
tPIL
Propagation delay time,
idle-to-low level output
TXEN
TXO, TXO
TXI at 3.2 V,
See Figure 5
25
ns
tw
Output pulse duration, from
low-to-high level to 70% output level
TXO, TXO
TXEN at 2 V,
See Figure 6
260
8000
ns
VOD(U)
Driver output differential
undershoot voltage
TXI
TXO, TXO
TXEN at 2 V,
See Figure 6
– 100
mV
tsk
Driver caused signal skew
tPLH – tPHL
TXI
TXO, TXO
TXEN at 2 V,
See Figure 3
±3
ns
tr
Rise time, TXO, TXO
TXEN at 2 V,
See Figure 3
1
5
ns
tf
Fall time, TXO, TXO
TXEN at 2 V,
See Figure 3
1
5
ns


Similar Part No. - SN75ALS085NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS085NT TI-SN75ALS085NT Datasheet
241Kb / 17P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
More results

Similar Description - SN75ALS085NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS085 TI-SN75ALS085 Datasheet
241Kb / 17P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
7Mb / 956P
   LAN Access Division
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
   Bus Interface Driver/Receiver IC
logo
Renesas Technology Corp
CCA1224 RENESAS-CCA1224 Datasheet
972Kb / 13P
   Bus Interface IC (Driver, Receiver)
31-Oct-2019
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
   Bus Interface IC (Driver, Receiver)
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
   Bus Interface Driver/Receiver IC
Apr 24, 2008
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
   Bus Interface Driver/Receiver IC
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
   Bus Interface Driver/Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com