Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS192DE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS192DE4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS192DE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS192DE4 Datasheet HTML 1Page - Texas Instruments SN75ALS192DE4 Datasheet HTML 2Page - Texas Instruments SN75ALS192DE4 Datasheet HTML 3Page - Texas Instruments SN75ALS192DE4 Datasheet HTML 4Page - Texas Instruments SN75ALS192DE4 Datasheet HTML 5Page - Texas Instruments SN75ALS192DE4 Datasheet HTML 6Page - Texas Instruments SN75ALS192DE4 Datasheet HTML 7Page - Texas Instruments SN75ALS192DE4 Datasheet HTML 8Page - Texas Instruments SN75ALS192DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN75ALS192
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS007D – JULY 1985 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50
50
VOD2
VOC
Figure 1. Differential and Common-Mode Output Voltages
Input A
Output Y
Output Z
tPLH
(see Note A)
tPHL
tPHL
tPLH
PROPAGATION DELAY TIMES AND SKEW
VOH
VOH
VOL
VOL
1.5 V
0 V
3 V
1.3 V
Skew
Skew
Enable G
Waveform 1
(see Note C)
3 V
0 V
VOL
VOH
1.5 V
tPZL
ENABLE AND DISABLE TIMES
See Note B
Enable G
1.5 V
tPZH
0.5 V
0.5 V
tPLZ
S1 Closed
S2 Closed
S1 Closed
S2 Closed
≈ 1.5 V
≈ 1.5 V
≈ 0 V
S1 Open
S2 Closed
S1 Closed
S2 Open
Waveform 2
(see Note C)
≈ 4.5 V
1.5 V
tPHZ
1.5 V
1.3 V
1.5 V
1.5 V
1.5 V
VOLTAGE WAVEFORMS
TEST CIRCUIT
VCC
From Output
Under Test
CL
(see Note D)
75
180
Test
Point
S1
S2
NOTES: A. When measuring propagation delay times and skew, switches S1 and S2 are open.
B. Each enable is tested separately.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. CL includes probe and jig capacitance.
E. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO ≈ 50 Ω, tr ≤ 15 ns, and tf ≤ 6 ns.
Figure 2. Test Circuit and Voltage Waveforms


Similar Part No. - SN75ALS192DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS192D TI-SN75ALS192D Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192D TI-SN75ALS192D Datasheet
713Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED APRIL 1998
SN75ALS192DR TI-SN75ALS192DR Datasheet
713Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED APRIL 1998
More results

Similar Description - SN75ALS192DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com