Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS175NSRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75ALS175NSRE4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS175NSRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS175NSRE4 Datasheet HTML 1Page - Texas Instruments SN75ALS175NSRE4 Datasheet HTML 2Page - Texas Instruments SN75ALS175NSRE4 Datasheet HTML 3Page - Texas Instruments SN75ALS175NSRE4 Datasheet HTML 4Page - Texas Instruments SN75ALS175NSRE4 Datasheet HTML 5Page - Texas Instruments SN75ALS175NSRE4 Datasheet HTML 6Page - Texas Instruments SN75ALS175NSRE4 Datasheet HTML 7Page - Texas Instruments SN75ALS175NSRE4 Datasheet HTML 8Page - Texas Instruments SN75ALS175NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN75ALS175
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS131C – SEPTEMBER 1991 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage and operating free-air temperature (unless otherwise noted) (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold voltage
200
mV
VIT–
Negative-going input threshold
voltage
–200‡
mV
Vhys
Hysteresis voltage (VIT + – VIT –)
50
mV
VIK
Enable-input clamp voltage
II = – 18 mA
– 1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = – 400 µA,
See Figure 1
2.7
V
VOL
Low-level output voltage
VID = – 200 mV,
IOL = 8 mA,
See Figure 1
0.45
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input at 0 V
See Note 3
VI = 12 V
1
mA
II
Line input current
Other input at 0 V,
See Note 3
VI = – 7 V
– 0.8
mA
IIH
High-level enable-input current
VIH(E) = 2.7 V
20
µA
IIL
Low-level enable-input current
VIL(E) = 0.4 V
– 100
µA
ri
Input resistance
12
k
IOS
Short-circuit output current
VO = 0
–15
–85
mA
ICC
Suply current (total package)
No load,
Outputs enabled
16
24
mA
ICC
Suply current (total package)
No load,
Outputs disabled
18
27
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold voltage
levels only.
NOTE 3: Refer to ANSI Standard RS-485 for exact conditions.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
VID = – 2.5 V to 2.5 V,
9
18
27
ns
tPLH
Propagation delay time, low- to high-level output
CL = 15 pF,
See Figure 2
9
18
27
ns
tPZH
Output enable time to high level
CL =15 pF
See Figure 3
4
12
18
ns
tPZL
Output enable time to low level
CL = 15 pF,
See Figure 3
6
13
21
ns
tPHZ
Output disable time from high level
CL =15 pF
See Figure 3
10
21
27
ns
tPLZ
Output disable time from low level
CL = 15 pF,
See Figure 3
8
15
25
ns
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - SN75ALS175NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS175NS TI-SN75ALS175NS Datasheet
94Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS175NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com