Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C185DWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C185DWR
Description  LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C185DWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75C185DWR Datasheet HTML 3Page - Texas Instruments SN75C185DWR Datasheet HTML 4Page - Texas Instruments SN75C185DWR Datasheet HTML 5Page - Texas Instruments SN75C185DWR Datasheet HTML 6Page - Texas Instruments SN75C185DWR Datasheet HTML 7Page - Texas Instruments SN75C185DWR Datasheet HTML 8Page - Texas Instruments SN75C185DWR Datasheet HTML 9Page - Texas Instruments SN75C185DWR Datasheet HTML 10Page - Texas Instruments SN75C185DWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN75C185
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SLLS065F – AUGUST 1989 – REVISED JANUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IOS(L)
–IOS(H)
VI
VO
VDD or GND
VSS or GND
RL = 3 kΩ
(for VOH and VOL tests only)
Figure 1. Driver Test Circuit
for VOH, VOL, IOS(H), and IOS(L)
–IIL
IIH
VI
VI
Figure 2. Driver Test Circuit for IIH and IIL
3 V
0 V
1.5 V
1.5 V
Input
t PHL
t PLH
90%
50%
10%
50%
10%
90%
t THL
t TLH
VOH
VOL
TEST CIRCUIT
VOLTAGE WAVEFORMS
Output
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: tw = 25 µs, PRR = 20 kHz, ZO = 50 Ω, tr = tf < 50 ns.
CL
(see Note A)
RL
Input
Output
Pulse
Generator
(See Note B)
Figure 3. Driver Test Circuit and Voltage Waveforms


Similar Part No. - SN75C185DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185DWR TI-SN75C185DWR Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185DWRE4 TI-SN75C185DWRE4 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75C185DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com