Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75113 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75113
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75113 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75113 Datasheet HTML 4Page - Texas Instruments SN75113 Datasheet HTML 5Page - Texas Instruments SN75113 Datasheet HTML 6Page - Texas Instruments SN75113 Datasheet HTML 7Page - Texas Instruments SN75113 Datasheet HTML 8Page - Texas Instruments SN75113 Datasheet HTML 9Page - Texas Instruments SN75113 Datasheet HTML 10Page - Texas Instruments SN75113 Datasheet HTML 11Page - Texas Instruments SN75113 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C − SEPTEMBER 1973 − REVISED MARCH 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
3
2
1
0
01
2
4
5
6
34
OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VI − Data Input Voltage − V
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
No Load
TA = 25°C
3
2
1
0
4
5
6
Figure 5
01
23
4
OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VI − Data Input Voltage − V
TA = 125°C
TA = 25°C
TA = − 55°C
VCC = 5 V
No Load
Figure 6
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
3
2
1
0
01
2
4
5
6
34
OUTPUT VOLTAGE
vs
INPUT VOLTAGE (OUTPUT CONTROL)
Disabled
High
VI − Input Voltage (Output Control) − V
Load = 500
Ω to GND
TA = 25°C
Figure 7
Disabled
TA = 25°C
3
2
1
0
01
2
4
5
6
34
OUTPUT VOLTAGE
vs
INPUT VOLTAGE (OUTPUT CONTROL)
VI − Input Voltage (Output Control) − V
TA = 125°C
TA = − 55°C
High
VCC = 5 V
Load = 500
Ω to GND
Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55113 circuits
only. These parameters were measured with the active pullup connected to the sink output.


Similar Part No. - SN75113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75113 TI-SN75113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75113 TI-SN75113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75113 TI-SN75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
SN75113D TI-SN75113D Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75113DR TI-SN75113DR Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com