Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75110ADG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75110ADG4
Description  DUAL LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75110ADG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75110ADG4 Datasheet HTML 1Page - Texas Instruments SN75110ADG4 Datasheet HTML 2Page - Texas Instruments SN75110ADG4 Datasheet HTML 3Page - Texas Instruments SN75110ADG4 Datasheet HTML 4Page - Texas Instruments SN75110ADG4 Datasheet HTML 5Page - Texas Instruments SN75110ADG4 Datasheet HTML 6Page - Texas Instruments SN75110ADG4 Datasheet HTML 7Page - Texas Instruments SN75110ADG4 Datasheet HTML 8Page - Texas Instruments SN75110ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN55110A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106G − DECEMBER 1975 − REVISED NOVEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN55110A
SN75110A
SN75112
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC± = MIN,
IL = −12 mA
−0.9
−1.5
−0.9
−1.5
V
VCC± = MAX,
VO = 10 V
12
15
27
40
IO(on)
On-state output current
VCC = MIN to MAX,
24
28
32
mA
IO(on)
On-state output current
VCC = MIN to MAX,
VO = −1 V to 1 V, TA = 25°C
24
28
32
mA
VCC± = MIN,
VO = −3 V
6.5
12
15
27
IO(off)
Off-state output current
VCC± = MIN,
VO = 10 V
100
100
µA
II
Input current
at maximum
A, B, or C inputs
VCC = MAX,
VI = 5.5 V
1
1
mA
II
at maximum
input voltage
D input
VCC± = MAX,
VI = 5.5 V
2
2
mA
IIH
High-level
A, B, or C inputs
VCC = MAX,
VI = 2.4 V
40
40
A
IIH
High-level
input current
D input
VCC± = MAX,
VI = 2.4 V
80
80
µA
IIL
Low-level
A, B, or C inputs
VCC = MAX,
VI = 0.4 V
−3
−3
mA
IIL
Low-level
input current
D input
VCC± = MAX,
VI = 0.4 V
−6
−6
mA
ICC+(on)
Supply current from VCC
with driver enabled
VCC± = MAX,
A and B inputs at 0.4 V,
C and D inputs at 2 V
23
35
25
40
mA
ICC−(on)
Supply current from VCC−
VCC± = MAX,
A and B inputs at 0.4 V,
−34
−50
−65
−100
mA
ICC−(on)
Supply current from VCC−
with driver enabled
CC
A and B inputs at 0.4 V,
C and D inputs at 2 V
−34
−50
−65
−100
mA
ICC+(off)
Supply current from VCC−
with driver inhibited
VCC± = MAX,
A, B, C, and D inputs at 0.4 V
21
30
mA
ICC−(off)
Supply current from VCC±
with driver inhibited
VCC± = MAX,
A, B, C, and D inputs at 0.4 V
−17
−32
mA
† For conditions shown as MIN or MAX, use appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC+ = 5 V, VCC− = −5 V, TA = 25°C.
switching characteristics, VCC± = ±5 V, TA = 25°C (see Figure 1)
PARAMETER§
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A or B
Y or Z
CL = 40 pF,
RL = 50 Ω
9
15
ns
tPHL
A or B
Y or Z
CL = 40 pF,
RL = 50 Ω,
9
15
ns
tPLH
C or D
Y or Z
CL = 40 pF,
RL = 50 Ω
16
25
ns
tPHL
C or D
Y or Z
CL = 40 pF,
RL = 50 Ω,
13
25
ns
§ tPLH = propagation delay time, low- to high-level output
tPHL = propagation delay time, high- to low-level output


Similar Part No. - SN75110ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75110AD TI-SN75110AD Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110AD TI-SN75110AD Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110AD TI-SN75110AD Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110AD TI-SN75110AD Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110AD TI-SN75110AD Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results

Similar Description - SN75110ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55109A TI-SN55109A Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com