Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75173DG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75173DG4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75173DG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75173DG4 Datasheet HTML 4Page - Texas Instruments SN75173DG4 Datasheet HTML 5Page - Texas Instruments SN75173DG4 Datasheet HTML 6Page - Texas Instruments SN75173DG4 Datasheet HTML 7Page - Texas Instruments SN75173DG4 Datasheet HTML 8Page - Texas Instruments SN75173DG4 Datasheet HTML 9Page - Texas Instruments SN75173DG4 Datasheet HTML 10Page - Texas Instruments SN75173DG4 Datasheet HTML 11Page - Texas Instruments SN75173DG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
VIT+
2.5
2
1
0.5
0
4.5
1.5
–125 –100 – 75 – 50 – 25
0
25
3.5
3
4
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
5
50
75
100 125
VID – Differential Input Voltage – mV
VCC = 5 V
IO = 0
TA = 25°C
VIT–
VIC =
–12 V
VIC =
0
VIC =
12 V
VIT–
VIT+
VIT–
VIT+
Figure 5
2.5
2
1
0.5
0
4.5
1.5
0
– 5 –10 –15 –20 –25 –30
3.5
3
4
5
–35 – 40 – 45 – 50
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
VCC = 4.5 V
VID = 0.2 V
TA = 25°C
VCC = 5 V
VCC = 5.5 V
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Similar Part No. - SN75173DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75173D TI-SN75173D Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75173D TI-SN75173D Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN75173DE4 TI-SN75173DE4 Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN75173DR TI-SN75173DR Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN75173DRE4 TI-SN75173DRE4 Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
More results

Similar Description - SN75173DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com