Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75124 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75124
Description  TRIPLE LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75124 Datasheet(HTML) 5 Page - Texas Instruments

  SN75124 Datasheet HTML 1Page - Texas Instruments SN75124 Datasheet HTML 2Page - Texas Instruments SN75124 Datasheet HTML 3Page - Texas Instruments SN75124 Datasheet HTML 4Page - Texas Instruments SN75124 Datasheet HTML 5Page - Texas Instruments SN75124 Datasheet HTML 6Page - Texas Instruments SN75124 Datasheet HTML 7Page - Texas Instruments SN75124 Datasheet HTML 8Page - Texas Instruments SN75124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN75124
TRIPLE LINE RECEIVER
SLLS058B – SEPTEMBER 1973 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VI – Input Voltage – V
VCC = 5 V
No Load
TA = 25°C
RECEIVER
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
0
4
2
0
0.4
0.8
1
1.4
1.8
0.5
1
1.5
2
2.5
3
3.5
VIT –
VIT+
0.2
0.6
1.2
1.6
Figure 2
APPLICATION INFORMATION
1/2 SN75123
95
95-
Ω Coaxial Cable
A
B
C
D
E
F
95
Strobe
A
B
Y
1/3 SN75124
Figure 3. Unbalanced Line Communication Using SN75123 and SN75124


Similar Part No. - SN75124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
SN75124D TI-SN75124D Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
SN75124N TI-SN75124N Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
More results

Similar Description - SN75124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com