Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75173N Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75173N
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75173N Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75173N Datasheet HTML 6Page - Texas Instruments SN75173N Datasheet HTML 7Page - Texas Instruments SN75173N Datasheet HTML 8Page - Texas Instruments SN75173N Datasheet HTML 9Page - Texas Instruments SN75173N Datasheet HTML 10Page - Texas Instruments SN75173N Datasheet HTML 11Page - Texas Instruments SN75173N Datasheet HTML 12Page - Texas Instruments SN75173N Datasheet HTML 13Page - Texas Instruments SN75173N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
3
2
1
0
0
0.5
1
4
5
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
6
1.5
2
2.5
3
VID = – 0.2 V
Load = 1 k
Ω to VCC
TA = 25°C
VCC = 5.5 V
VCC = 4.5 V
VI – Enable G Voltage – V
VCC = 5 V
Figure 11
0
–0.25
–0.75
–1
–8
–6
–4 –2
0
4
6
0.25
0.75
INPUT CURRENT
vs
INPUT VOLTAGE
1
812
–0.5
0.5
VI – Input Voltage – V
VCC = 5 V
TA = 25°C
The Unshaded Area
Conforms to
Figure 3.2 of
TIA/EIA-485-A
210
APPLICATION INFORMATION
1/4 SN75172
1/4 SN75173
1/4 SN75172
1/4 SN75173
1/4 SN75174
1/4 SN75173
1/4 SN75175
1/4 SN75174
Up to 32
Driver/Receiver
Pairs
NOTE A: The line should be terminated at both ends in its characteristic impedance. Stub lengths off the main line should be kept as short as
possible.
Figure 12. Typical Application Circuit


Similar Part No. - SN75173N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75173N TI-SN75173N Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75173N TI-SN75173N Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN75173NE4 TI-SN75173NE4 Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN75173NSR TI-SN75173NSR Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN75173NSRE4 TI-SN75173NSRE4 Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
More results

Similar Description - SN75173N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com